Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134A Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST70134A
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST70134A Datasheet HTML 2Page - STMicroelectronics ST70134A Datasheet HTML 3Page - STMicroelectronics ST70134A Datasheet HTML 4Page - STMicroelectronics ST70134A Datasheet HTML 5Page - STMicroelectronics ST70134A Datasheet HTML 6Page - STMicroelectronics ST70134A Datasheet HTML 7Page - STMicroelectronics ST70134A Datasheet HTML 8Page - STMicroelectronics ST70134A Datasheet HTML 9Page - STMicroelectronics ST70134A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ST70134A
6/22
SUPPLY VOLTAGES
8
DVSS1
-
DVSS
-
16
DVDD1
Digital I/O Supply Voltage
DVDD
-
17
DVDD2
Digital Internal Supply Voltage
DVDD
-
23
AVSS3
-
AVSS
-
27
AVDD3
ADC Supply Voltage
AVDD
-
28
AVDD4
TX Pre - Drivers Supply
AVDD
-
34
AVSS4
-
AVSS
-
35
AVSS5
-
AVSS
-
41
AVDD5
CT Filter Supply
AVDD
-
42
AVDD6
LNA Supply
AVDD
-
51
AVSS6
-
AVSS
-
52
AVSS2
-
AVSS
-
54
AVDD2
DAC and Support Circuit
AVDD
-
58
AVDD1
XTAL Oscillator Supply Voltage
AVDD
-
61
AVSS1
-
AVSS
-
62
DVSS2
-
DVSS
-
SPARES
3
NU3
Not Used Inputs
DVSS
-
4
NU2
Not Used Inputs
DVSS
-
5
NU1
Not Used Inputs
DVSS
-
6
NU0
Not Used Inputs
DVSS
-
29
NC0
-
-
-
30
NC1
-
-
-
Figure 3 : Grounding and Decoupling Networks
Numbers
Name
Function
PCB connection
Supply
10
µF
100nF
10
µF
100nF
VRAP Pin
VRAN Pin
10
µF
10
µF
100nF
10
µF
VREF Pin
IREF Pin
100nF
Analog
VDD
4.7
µH
L1
10
µF
100nF
100nF
AVDD
(Each pin
100nF
10
µF
10
µF
AGND Pin
VCOC Pin
must have its
own capacitor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com