Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS87016AYILF Datasheet HTML 1Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 2Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 3Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 4Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 5Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
January 22, 2020
3
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Table 2. Pin Characteristics
NOTE 1: VDDOx denotes VDDOA, VDDOB, VDDOC, VDDOD.
Function Tables
Table 3. Function Table
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pull-up Resistor
51
k
RPULLDOWN
Input Pull-down Resistor
51
k
CPD
Power Dissipation
Capacitance
(per output); NOTE 1
VDD, VDDOx = 3.465V
18
pF
VDD, VDDOx = 2.625V
12
pF
VDD = 3.465V,
VDDOx = 2.625V
20
pF
VDD = 3.465V,
VDDOx = 1.89V
30
pF
VDD = 2.625V,
VDDOx = 1.89V
14
pF
ROUT
Output Impedance
5
7
12
Inputs
Outputs
MR/OE
CLK_ENx
DIV_SELx
Bank [A:D]
Qx
Frequency
0X
X
Hi-Z
N/A
1
1
0
Active
fIN/2
111
Active
fIN
10
X
LOW
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com