Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 10Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 11Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 12Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 13Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 14Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
January 22, 2020
11
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Application Information
Wiring the Differential Input to Accept Single Ended Levels
Figure 1
shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and
R2/R1 = 0.609.
Figure 1. Single-Ended Signal Driving Differential Input
Recommendations for Unused Input and Output Pins
Inputs
CLK/CLK Inputs
For applications not requiring the use of the differential input, both
CLK and CLK can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
CLK Input
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the CLK input to ground.
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
Outputs
LVCMOS Outputs
All unused LVCMOS output can be left floating. There should be no
trace attached.
V_REF
Single Ended Clock Input
VDD
CLK
nCLK
R1
1K
C1
0.1u
R2
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com