Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 10Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 11Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 12Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 13Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 14Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 15Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
January 22, 2020
13
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Reliability Information
Table 6.
JA vs. Air Flow Table for a 48-LQFP
NOTE: Most modern PCB design use multi-layered boards. The data in the second row pertains to most designs.
Transistor Count
The transistor count for 87016I is: 2034
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/us/en/document/cpt/prprg-package-outline-70-x-70-x-14-mm-tqfp-10010-form
Ordering Information
Table 8. Ordering Information
Revision History
JA vs. Air Flow
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
ICS87016AYILF
ICS87016AYIL
“Lead-Free” 48 Lead LQFP
Tray
-40
C to 85C
ICS87016AYILFT
ICS87016AYIL
“Lead-Free” 48 Lead LQFP
Tape & Reel
-40
C to 85C
Date
Description of Change
January 22, 2020
• Updated package outline drawings section; added link.
• Updated logos and footer information.
March 23, 2015
Ordering Information - updated part marking. Updated datasheet format.
March 28, 2013
Corrected typo, VOH: VDD – 0.45 to VDDOx – 0.45
November 15, 2012
Remove leaded parts from Ordering Information table.
May 25, 2007
2.5V AC Characteristics Table - changed Output Duty Cycle test condition and limits. Added Output Pulse Width.
March 30, 2007
Features Section - added 2.5V/2.5V and 2.5V/1.8V to supply mode bullet. Added lead-free bullet.
Pin Characteristics Table - added 2.5V/2.5V and 2.5V/1.8V to CPD.
Added 2.5V Power Supply DC Characteristics Table.
LVCMOS DC Characteristics Table - added 2.5V to VIH/VIL.
Differential DC Characteristics Table - added 2.5V to IIH/IIL.
Added 2.5V Power Supply DC Characteristics Table.
Added 2.5V/1.8V Power Supply DC Characteristics Table.
Parameter Measurement Information - added 2.5V Core/2.5V Output Load Test Circuit and 2.5V Core/1.8V
Output Load Test Circuit diagrams.
Added Recommendations for Unused Input and Output Pins.
Ordering Information Table - added lead-free Order/Part Number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com