Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS87016AYILF Datasheet HTML 1Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 2Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 3Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 4Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 5Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
January 22, 2020
4
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, VDDOx = 3.3V ± 5%, 2.5V ± 5%, 1.8V ± 5%, TA = -40°C to 85°C
Table 4B. Power Supply DC Characteristics, VDD = 2.5V ± 5%, VDDOx = 2.5V ± 5%, 1.8V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD Ox+ 0.5V
Package Thermal Impedance,
JA
47.9
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
VDDOA,
VDDOB,
VDDOC,
VDDOD
Output Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
1.71
1.8
1.89
V
IDD
Power Supply Current
100
mA
IDDOA,
IDDOB,
IDDOC,
IDDOD
Output Supply Current
15
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
2.375
2.5
2.625
V
VDDOA,
VDDOB,
VDDOC,
VDDOD
Output Supply Voltage
2.375
2.5
2.625
V
1.71
1.8
1.89
V
IDD
Power Supply Current
95
mA
IDDOA,
IDDOB,
IDDOC,
IDDOD
Output Supply Current
8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com