Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 10Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 11Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 12Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 13Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 14Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 15Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
January 22, 2020
12
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Differential Clock Input Interface
The CLK /CLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both signals must meet the VPP and VCMR
input requirements. Figures 2A to 2E show interface examples for the
CLK/CLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 2A, the input termination
applies for Renesas LVHSTL drivers. If you are using an LVHSTL
driver from another vendor, use their termination recommendation.
Figure 2A. CLK/CLK Input Driven by a Renesas
LVHSTL Driver
Figure 2C. CLK/CLK Input Driven by a
3.3V LVPECL Driver
Figure 2E. CLK/CLK Input Driven by a
3.3V LVPECL Driver with AC Couple
Figure 2B. CLK/CLK Input Driven by a
3.3V LVPECL Driver
Figure 2D. CLK/CLK Input Driven by a 3.3V LVDS Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com