Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS87016AYILF Datasheet HTML 1Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 2Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 3Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 4Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 5Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
January 22, 2020
5
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Table 4C. LVCMOS/LVTTL DC Characteristics, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
 to VDDOX/2. See Parameter Measurement Information, Output Load Test Circuit diagrams.
Table 4D. Differential DC Characteristics, TA = -40°C to 85°C
NOTE 1: Common mode input voltage is defined as VIH.
NOTE 2: For single-ended applications, the maximum input voltage for CLK1, CLK1 is VDD + 0.3V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.465V
2
VDD + 0.3
V
VDD = 2.625V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.465V
-0.3
0.8
V
VDD = 2.625V
-0.3
0.7
V
IIH
Input
High
Current
CLK0, CLK_SEL
VDD = VIN = 3.465V or 2.625V
150
µA
CLK_EN[A:D],
DIV_SEL[A:D],
MR/OE
VDD = VIN = 3.465V or 2.625V
5
µA
IIL
Input
Low
Current
CLK0, CLK_SEL
VDD = 3.465V or 2.625V, VIN = 0V
-5
µA
CLK_EN[A:D],
DIV_SEL[A:D],
MR/OE
VDD = 3.465V or 2.625V, VIN = 0V
-150
µA
VOH
Output High Voltage;
NOTE 1
VDDOx = 3.3V ± 5%
2.6
V
VDDOx = 2.5V ± 5%
1.8
V
VDDOx = 1.8V ± 5%;
IOH = -2mA
VDDOx – 0.45
V
VOL
Output Low Voltage;
NOTE 1
VDDOx = 3.3V ± 5%
0.5
V
VDDOx = 2.5V ± 5%
0.5
V
VDDOx = 1.8V ± 5%;
IOH = 2mA
0.45
V
IOZL
Output Hi-Z Current Low
-5
µA
IOZH
Output Hi-Z Current High
5µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK1
VDD = VIN = 3.465V or 2.625V
5
µA
CLK1
VDD = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
CLK1
VDD = 3.465V or 2.625V, VIN = 0V
-150
µA
CLK1
VDD = 3.465V or 2.625V, VIN = 0V
-5
µA
VPP
Peak-to-Peak Voltage
0.15
1.3
V
VCMR
Common Mode Input
Voltage; NOTE 1, 2
GND + 0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com