Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS87016AYILF Datasheet HTML 1Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 2Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 3Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 4Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 5Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
January 22, 2020
2
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Number
Name
Type
Description
1, 48
VDD
Power
Positive supply pins.
2
CLK0
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
3
DIV_SELA
Input
Pullup
Controls frequency division for Bank A outputs. See Table 3.
LVCMOS / LVTTL interface levels.
4
DIV_SELB
Input
Pullup
Controls frequency division for Bank B outputs. See Table 3.
LVCMOS / LVTTL interface levels.
5
DIV_SELC
Input
Pullup
Controls frequency division for Bank C outputs. See Table 3.
LVCMOS / LVTTL interface levels.
6
DIV_SELD
Input
Pullup
Controls frequency division for Bank D outputs. See Table 3.
LVCMOS / LVTTL interface levels.
7
CLK_ENA
Input
Pullup
Output enable for Bank A outputs. Active HIGH. If pin is LOW, outputs drive
low. LVCMOS/LVTTL interface levels. See Table 3.
8
CLK_ENB
Input
Pullup
Output enable for Bank A outputs. Active HIGH. If pin is LOW, outputs drive
low. LVCMOS/LVTTL interface levels. See Table 3.
9
CLK_ENC
Input
Pullup
Output enable for Bank A outputs. Active HIGH. If pin is LOW, outputs drive
low. LVCMOS/LVTTL interface levels. See Table 3.
10
CLK_END
Input
Pullup
Output enable for Bank A outputs. Active HIGH. If pin is LOW, outputs drive
low. LVCMOS/LVTTL interface levels. See Table 3.
11
MR/OE
Input
Pullup
Master reset. When LOW, resets the ÷1/÷2 flip flops and sets the outputs to
high impedance. LVCMOS / LVTTL interface levels.
12, 16, 20,
24, 28, 32,
36, 40, 44
GND
Power
Power supply ground
13, 15, 17, 19
QD3, QD2,
QD1, QD0
Output
Bank D single-ended clock outputs. LVCMOS/LVTTL interface levels.
14, 18
VDDOD
Power
Bank D output supply pins.
21, 23, 25, 27
QC3, QC2,
QC1, QC0
Output
Bank C single-ended clock outputs. LVCMOS/LVTTL interface levels.
22, 26
VDDOC
Power
Bank C output supply pins.
29, 31, 33, 35
QB3, QB2,
QB1, QB0
Output
Bank C single-ended clock outputs. LVCMOS/LVTTL interface levels.
30, 34
VDDOB
Power
Bank B output supply pins.
37, 39, 41, 43
QA3, QA2,
QA1, QA0
Output
Bank A single-ended clock outputs. LVCMOS/LVTTL interface levels.
38, 42
VDDOA
Power
Bank B output supply pins.
45
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK1, CLK1 inputs.
When LOW, selects CLK0 input. LVCMOS / LVTTL interface levels.
46
CLK1
Input
Pullup
Inverting differential clock input.
47
CLK1
Input
Pulldown
Non-inverting differential clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com