Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS87016AYILF Datasheet HTML 2Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 3Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 4Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 5Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
January 22, 2020
6
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDOx = 3.3V ± 5%, TA = -40°C to 85°C
All parameters measured at 250MHz unless noted otherwise.
NOTE 1A: Measured from the VDD/2 of the input to VDDOX/2 of the output.
NOTE 1B: Measured from the differential input crossing point to VDDOX/2 of the output.
NOTE 2: Defined as skew within a bank with equal load conditions.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDOX/2.
NOTE 4: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using
the same type of input on each device, the output is measured at VDDOX/2.
NOTE 5: These parameters are guaranteed by characterization. Not tested in production.
NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
Table 5B. AC Characteristics, VDD = VDDOx = 2.5V ± 5%, TA = -40°C to 85°C
For NOTES, please see above, Table 5A.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tpLH
Propagation
Delay,
Low to High
CLK0;
NOTE 1A
2.8
3.4
3.9
ns
CLK1/CLK1;
NOTE 1B
2.75
3.4
4.1
ns
t
sk(b)
Bank Skew; NOTE 2, 6
Measured on the Rising Edge
50
ps
t
sk(o)
Output Skew; NOTE 3, 6
Measured on the Rising Edge
170
ps
t
sk(pp)
Part-to-Part Skew; NOTE 4, 6
800
ps
tR / tF
Output Rise/Fall Time;
NOTE 5
20% to 80%
200
700
ps
odc
Output Duty Cycle
ƒ < 175MHz
45
55
%
ƒ
 175MHz
40
60
%
tEN
Output Enable Time; NOTE 5
10
ns
tDIS
Output Disable Time; NOTE 5
10
ns
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tpLH
Propagation
Delay,
Low to High
CLK0;
NOTE 1A
2.9
3.8
4.7
ns
CLK1/CLK1;
NOTE 1B
3.0
3.6
4.3
ns
t
sk(b)
Bank Skew; NOTE 2, 6
Measured on the Rising Edge
70
ps
t
sk(o)
Output Skew; NOTE 3, 6
Measured on the Rising Edge
210
ps
t
sk(pp)
Part-to-Part Skew; NOTE 4, 6
800
ps
tR / tF
Output Rise/Fall Time;
NOTE 5
20% to 80%
150
700
ps
odc
Output Duty Cycle
ƒ
 125MHz
40
60
%
tpw
Output Pulse Width
ƒ > 125MHz
tPeriod/2 – 800
tPeriod/2 +
800
ps
tEN
Output Enable Time; NOTE 5
10
ns
tDIS
Output Disable Time; NOTE 5
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com