Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87016AYILF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS87016AYILF
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87016AYILF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS87016AYILF Datasheet HTML 6Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 7Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 8Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 9Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 10Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 11Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 12Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 13Page - Renesas Technology Corp ICS87016AYILF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
January 22, 2020
10
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATASHEET
Parameter Measurement Information, continued
Output Skew
Propagation Delay
Output Rise/Fall Time
Part-to-Part Skew
Output Duty Cycle/Pulse Width/Period
tsk(o)
V
DDx
2
V
DDx
2
Qx
Qy
tp
LH
V
DDO
2
V
DD
2
CLK1
CLK1
QA0:QA3,
QB0:QB3,
QC0:QC3,
QD0:QD3
CLK0
Clock
Outputs
20%
80%
80%
20%
tR
t F
tsk(pp)
V
DDOX
2
V
DDOX
2
Par t 1
Par t 2
Qx
Qy
Part 1
Part 2
t
PERIOD
t
PW
t
PERIOD
odc =
V
CCOx
2
x 100%
t
PW
QA0:QA3,
QB0:QB3,
QC0:QC3,
QD0:QD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com