Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 5 Page - STMicroelectronics

  LDLN050 Datasheet HTML 1Page - STMicroelectronics LDLN050 Datasheet HTML 2Page - STMicroelectronics LDLN050 Datasheet HTML 3Page - STMicroelectronics LDLN050 Datasheet HTML 4Page - STMicroelectronics LDLN050 Datasheet HTML 5Page - STMicroelectronics LDLN050 Datasheet HTML 6Page - STMicroelectronics LDLN050 Datasheet HTML 7Page - STMicroelectronics LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input voltage pin
-0.3 to 7
V
VEN
Enable pin
-0.3 to VIN + 0.3
V
VOUT
DC output voltage
-0.3 to VIN + 0.3
V
VFB
Feedback pin
-0.3 to 1.6
V
IOUT
Output current
Internally limited
A
PDIS
Maximum Power dissipation
Refer to Table 3. Thermal data
W
TST
Storage temperature range
-55 to 150
°C
Tj
Operating Junction temperature range
-40 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
DFN8 3x3 mm
Unit
RthJA
Thermal resistance junction-ambient
51
°C/W
ΨJ-T
Thermal characterization parameter junction to top of package
2.4
°C/W
Note:
JEDEC 2S2P (4L) board as per JESD 51-7 with two thermal vias.
Table 4. Electrostatic discharge
Symbol
Parameter
DFN8 3x3
Unit
HBM
Human Body Model
+/-2000
V
LDLN050
Maximum ratings
DS12809 - Rev 4
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com