Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 2Page - STMicroelectronics LDLN050 Datasheet HTML 3Page - STMicroelectronics LDLN050 Datasheet HTML 4Page - STMicroelectronics LDLN050 Datasheet HTML 5Page - STMicroelectronics LDLN050 Datasheet HTML 6Page - STMicroelectronics LDLN050 Datasheet HTML 7Page - STMicroelectronics LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics LDLN050 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5
Electrical characteristics
If not differently specified, TJ = -40 °C to +125 °C, typical values refer to TJ = +25 °C, VIN = VOUT + 0.5 V or 2.7 V
(whichever is greater), IOUT = 1 mA, VEN = VIN, COUT = 2.2 µF, CNR = 10 nF.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage (1)
2.7
6.5
V
VADJ
Reference voltage for Adj
TAMB = 25 °C
1.196
1.208
1.22
V
VOUT
Output voltage range
VADJ
6
V
Output voltage accuracy (1)
1 mA < IOUT < 500 mA
VOUT + 0.5 V < VIN < 6.5 V
VOUT > 2.2 V
-2
2
%
1 mA < IOUT < 500 mA
VOUT + 0.5 V < VIN < 6.5 V
VOUT up to 2.2 V
-3
3
%
Line regulation (1)
VOUT+ 0.5 V < VIN < 6.5 V
0.02
%/V
Load Regulation
0.5 mA < IOUT < 500 mA
0.005
%/mA
VDO
Dropout Voltage (2)
IOUT = 500 mA
190
500
mV
ILIM
Output current limit
VOUT = 0.9 x VOUTNOM,
VIN = VOUTNOM + 0.9 V,
VIN > 2.7 V
800
mA
IGND
Ground pin current
IOUT = 10 mA
48
65
µA
IOUT = 500 mA
70
120
ISHDN
Shutdown current
VEN = 0 V
1
µA
IFB
Feedback pin current (Adj)
VOUTNOM = 1.2 V
-0.5
0.5
µA
PSRR
Power supply rejection
ration
VIN = 4.3 V
VOUT = 3.3 V
CNR = 10 nF
IOUT = 100 mA
F = 100 Hz
65
dB
F = 1 KHz
47
F = 10 KHz
45
dB
F = 100 KHz
38
VNOISE
Output noise
BW = 10 Hz to 100 KHz,
VOUT = 2.8 V, CNR = 10 nF
13xVOUT
µVRMS
BW = 10 Hz to 100 KHz,
VOUT = 2.8 V, no CNR
25xVOUT
µVRMS
TSTR
Start-up time
VOUT = 10% to 90%
Without CNR
45
µsec
CNR = 1 nF
45
CNR = 10 nF
50
CNR = 47 nF
50
VEN (H)
Enable input logic level High
1.2
V
VEN (L)
Enable input logic level Low
0.4
V
IEN
Enable pin current (EN = H)
VEN = VIN = 6.5 V
0.03
1
µA
LDLN050
Electrical characteristics
DS12809 - Rev 4
page 6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com