Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 10Page - STMicroelectronics LDLN050 Datasheet HTML 11Page - STMicroelectronics LDLN050 Datasheet HTML 12Page - STMicroelectronics LDLN050 Datasheet HTML 13Page - STMicroelectronics LDLN050 Datasheet HTML 14Page - STMicroelectronics LDLN050 Datasheet HTML 15Page - STMicroelectronics LDLN050 Datasheet HTML 16Page - STMicroelectronics LDLN050 Datasheet HTML 17Page - STMicroelectronics LDLN050 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Table 6. DFN8 3x3 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0.00
0.05
A3
0.203 Ref.
b
0.25
0.30
0.35
D
2.95
3.00
3.05
D2
1.65
1.75
1.85
e
0.65 BSC
E
2.95
3.00
3.05
E2
1.40
1.50
1.60
L
0.30
0.40
0.50
K
0.35 Ref.
N
8
LDLN050
DFN8 3 x 3 package information
DS12809 - Rev 4
page 14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com