Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 6Page - STMicroelectronics LDLN050 Datasheet HTML 7Page - STMicroelectronics LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics LDLN050 Datasheet HTML 10Page - STMicroelectronics LDLN050 Datasheet HTML 11Page - STMicroelectronics LDLN050 Datasheet HTML 12Page - STMicroelectronics LDLN050 Datasheet HTML 13Page - STMicroelectronics LDLN050 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Figure 18. UVLO thresholds vs. temperature
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 0 V to 3.8 V, IOUT = 1 mA, VOUT = 3.3 V
Figure 19. Enable pin current vs. temperature
0.00
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = VEN = 6.5 V
Figure 20. PSRR vs. Frequency (no CNR)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
100.00
1000.00
10000.00
Frequency [kHz]
ILOAD = 0A
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
VIN = 4.3 V +/- VRIPPLE, VOUT = 3.3 V
Figure 21. PSRR vs. frequency (CNR = 10 nF)
0
20
40
60
80
100
120
0.01
0.10
1.00
10.00
100.00
1000.00
10000.00
Frequency [kHz]
ILOAD = 0A
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
VIN = 4.3 V +/- VRIPPLE, VOUT = 3.3 V
Figure 22. Output noise spectrum (CNR = 10 nF)
0.001
0.010
0.100
1.000
10.000
0.010
0.100
1.000
10.000
100.000
Frequency(kHz)
Iload=1uA
Iload=1mA
Iload=10mA
Iload=100mA
VEN = VIN = 4.3 V, VOUT = 3.3 V, CNR = 10 nF, COUT = 2.2 µF
Figure 23. Output noise spectrum vs. CNR
0.001
0.010
0.100
1.000
10.000
0.010
0.100
1.000
10.000
100.000
Frequency(kHz)
Cnr=0F
Cnr=1nF
Cnr=10nF
Cnr=100nF
VEN = VIN = 4.3 V, VOUT = 3.3 V, IOUT = 100 mA, COUT = 2.2 µF
LDLN050
Typical characteristics
DS12809 - Rev 4
page 10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com