Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 4Page - STMicroelectronics LDLN050 Datasheet HTML 5Page - STMicroelectronics LDLN050 Datasheet HTML 6Page - STMicroelectronics LDLN050 Datasheet HTML 7Page - STMicroelectronics LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics LDLN050 Datasheet HTML 10Page - STMicroelectronics LDLN050 Datasheet HTML 11Page - STMicroelectronics LDLN050 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6
Typical characteristics
CIN = 1 μF, COUT = 2.2 μF, VEN = VIN = 3.8 V, VOUT = 3.3 V, Tj = 25 °C unless otherwise specified.
Figure 6. Output voltage vs. temperature (IOUT = 1 mA)
3.100
3.150
3.200
3.250
3.300
3.350
3.400
3.450
3.500
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 4.3V
VIN = 6.5V
VIN = 4.3 V and 6.5 V, IOUT = 1 mA, VOUT = 3.3 V
Figure 7. Output voltage vs. temperature (IOUT = 500 mA)
3.100
3.150
3.200
3.250
3.300
3.350
3.400
3.450
3.500
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN=4.3V
VIN=6.5V
VIN = 4.3 V and 6.5 V, IOUT = 500 mA, VOUT = 3.3 V
Figure 8. Line regulation vs. temperature
-0.200
-0.150
-0.100
-0.050
0.000
0.050
0.100
0.150
0.200
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 4.3 V to 6.5 V, IOUT = 1 mA, VOUT = 3.3 V
Figure 9. Load regulation vs. temperature
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT = 1 mA to 0.5 A
Figure 10. Quiescent current vs. temperature
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT=10mA
IOUT=500mA
VIN = 4.3 V, IOUT = 10 mA, VOUT = 3.3 V
Figure 11. Quiescent current vs. load current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
VIN = 4.3 V, IOUT = 0 to 500 mA, VOUT = 3.3 V
LDLN050
Typical characteristics
DS12809 - Rev 4
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com