Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 3 Page - STMicroelectronics

  LDLN050 Datasheet HTML 1Page - STMicroelectronics LDLN050 Datasheet HTML 2Page - STMicroelectronics LDLN050 Datasheet HTML 3Page - STMicroelectronics LDLN050 Datasheet HTML 4Page - STMicroelectronics LDLN050 Datasheet HTML 5Page - STMicroelectronics LDLN050 Datasheet HTML 6Page - STMicroelectronics LDLN050 Datasheet HTML 7Page - STMicroelectronics LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2
Pin configuration
Figure 3. Pin connection, DFN8 – 3 x 3 (top view)
1
2
3
8
7
6
4
5
Exposed
pad
Table 1. Pin description
Pin
Symbol
Function
1
OUT
Output pin
2
N.C.
Not internally connected
3
FB (ADJ)
NR (FIXED)
Feedback pin on adjustable version
Noise reduction on fixed version
4
GND
Ground connection
5
EN
Enable pin logic input: Low=shutdown, High=active
This pin is not internally pulled up. Don't leave floating.
6
N.C.
Not internally connected
7
N.C.
Not internally connected
8
IN
Input pin
Exp. Pad.
Exposed thermal Pad
Must be connected to GND
LDLN050
Pin configuration
DS12809 - Rev 4
page 3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com