Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 14Page - STMicroelectronics LDLN050 Datasheet HTML 15Page - STMicroelectronics LDLN050 Datasheet HTML 16Page - STMicroelectronics LDLN050 Datasheet HTML 17Page - STMicroelectronics LDLN050 Datasheet HTML 18Page - STMicroelectronics LDLN050 Datasheet HTML 19Page - STMicroelectronics LDLN050 Datasheet HTML 20Page - STMicroelectronics LDLN050 Datasheet HTML 21Page - STMicroelectronics LDLN050 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of figures
Figure 1.
Block diagram, adjustable version ....................................................... 2
Figure 2.
Block diagram, fixed version........................................................... 2
Figure 3.
Pin connection, DFN8 – 3 x 3 (top view)................................................... 3
Figure 4.
Typical application circuit for adjustable version ............................................. 4
Figure 5.
Typical application circuit for fixed output version ............................................ 4
Figure 6.
Output voltage vs. temperature (IOUT = 1 mA)............................................... 8
Figure 7.
Output voltage vs. temperature (IOUT = 500 mA) ............................................. 8
Figure 8.
Line regulation vs. temperature......................................................... 8
Figure 9.
Load regulation vs. temperature ........................................................ 8
Figure 10.
Quiescent current vs. temperature....................................................... 8
Figure 11.
Quiescent current vs. load current ....................................................... 8
Figure 12.
Supply current vs. input voltage ........................................................ 9
Figure 13.
Off-state current vs. temperature........................................................ 9
Figure 14.
Dropout voltage vs. temperature ........................................................ 9
Figure 15.
Dropout voltage vs. load current ........................................................ 9
Figure 16.
Short circuit current vs. temperature ..................................................... 9
Figure 17.
Enable thresholds vs. temperature ...................................................... 9
Figure 18.
UVLO thresholds vs. temperature ...................................................... 10
Figure 19.
Enable pin current vs. temperature ..................................................... 10
Figure 20.
PSRR vs. Frequency (no CNR) ........................................................ 10
Figure 21.
PSRR vs. frequency (CNR = 10 nF) ..................................................... 10
Figure 22.
Output noise spectrum (CNR = 10 nF) ................................................... 10
Figure 23.
Output noise spectrum vs. CNR........................................................ 10
Figure 24.
Line transient .................................................................... 11
Figure 25.
Load transient ................................................................... 11
Figure 26.
Startup transient .................................................................. 11
Figure 27.
Enable startup (CNR = 1 nF) .......................................................... 11
Figure 28.
Enable startup (CNR = 2.2 nF) ........................................................ 11
Figure 29.
Enable startup (CNR = 10 nF) ......................................................... 11
Figure 30.
Enable startup (CNR = 47 nF) ......................................................... 12
Figure 31.
Tested stability area ............................................................... 12
Figure 32.
DFN8 3x3 package drawing outline ..................................................... 13
Figure 33.
DFN8-3x3 tape outline.............................................................. 15
Figure 34.
DFN8-3x3 reel outline .............................................................. 16
LDLN050
List of figures
DS12809 - Rev 4
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com