Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 9Page - STMicroelectronics LDLN050 Datasheet HTML 10Page - STMicroelectronics LDLN050 Datasheet HTML 11Page - STMicroelectronics LDLN050 Datasheet HTML 12Page - STMicroelectronics LDLN050 Datasheet HTML 13Page - STMicroelectronics LDLN050 Datasheet HTML 14Page - STMicroelectronics LDLN050 Datasheet HTML 15Page - STMicroelectronics LDLN050 Datasheet HTML 16Page - STMicroelectronics LDLN050 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
DFN8 3 x 3 package information
Figure 32. DFN8 3x3 package drawing outline
BOTTOM VIEW
SIDE VIEW
TOP VIEW
LDLN050
Package information
DS12809 - Rev 4
page 13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com