Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN050 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LDLN050
Description  500 mA, high performance low dropout linear regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN050 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LDLN050 Datasheet HTML 8Page - STMicroelectronics LDLN050 Datasheet HTML 9Page - STMicroelectronics LDLN050 Datasheet HTML 10Page - STMicroelectronics LDLN050 Datasheet HTML 11Page - STMicroelectronics LDLN050 Datasheet HTML 12Page - STMicroelectronics LDLN050 Datasheet HTML 13Page - STMicroelectronics LDLN050 Datasheet HTML 14Page - STMicroelectronics LDLN050 Datasheet HTML 15Page - STMicroelectronics LDLN050 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Figure 30. Enable startup (CNR = 47 nF)
Figure 31. Tested stability area
VEN = VIN = from 3.8 V to 6.5 V, IOUT = from 0 mA to 0.5 A, T = 25 °C, CIN = 500 nF, CNR = 10 nF, VOUT = 3.3 V
0.01
0.1
1
10
1
4.7
10
100
UNTESTED AREA
UNSTABLE AREA
COUT [µF]
STABLE AREA
LDLN050
Typical characteristics
DS12809 - Rev 4
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com