Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1034ACP0Z-1-R7 Datasheet HTML 1Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 2Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 3Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 4Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 5Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 6Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 7Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
User Guide
EVAL-AD74115H
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 4 of 24
BOARD LAYOUT
The EVAL-AD74115H-ARDZ is laid out with the following three
isolated zones:
►
The input power supply is applied to the power side of the
EVAL-AD74115H-ARDZ.
►
Communications to the EVAL-AD74115H-ARDZ are received on
the microside via the SDP Arduino
® header connection.
►
The AD74115H and all related circuitry are on the AD74115H (or
field) side of the EVAL-AD74115H-ARDZ.
Each zone is separated by a 2.2 mm isolation barrier. Figure 2
shows the three isolation zones as these zones are laid out on the
EVAL-AD74115H-ARDZ.
Figure 2. Isolation Zones on the EVAL-AD74115H-ARDZ
POWER SUPPLIES
The EVAL-AD74115H-ARDZ comes with a power supply connector
(P18) that provides power directly to the VINP pin of the ADP1034.
Set this supply between 4.5 V and 60 V, as described in the
ADP1034 data sheet.
The ADP1034 generates the following isolated, resistor program-
mable supply voltages to the AD74115H:
►
VOUT1 provides the AD74115H AVDD voltage supply, VAVDD, of
24.0 V.
►
VOUT2 provides the AD74115H AVCC and DVCC voltage sup-
plies, VAVCC and VDVCC, of 5 V.
►
VOUT3 provides the AD74115H AVSS voltage supply, VAVSS, of
−15 V.
The ADP1034 VOUT2 also provides power to a 2.5 V external
reference (ADR4525). The ADR4525 can be used as an alternative
to the AD74115H on-chip reference.
The ADP1034 provides all the necessary power to the AD74115H
to perform the analog output, analog input, digital input, and digital
output functions.
However, if the digital output function is required to provide more
than 100 mA of continuous current, an additional external power
supply is required. The DO_SUPPLY connector can provide this
power supply directly to the digital output circuitry on the AD74115H
isolated side of the EVAL-AD74115H-ARDZ. See the Digital Output
section for details on how to configure for digital output functionality.
The digital output schematic entry is shown in Figure 23.
SPI COMMUNICATION
The SDP-K1 board handles the communication to the EVAL-
AD74115H-ARDZ via the PC. The SDP-K1 is connected to the
EVAL-AD74115H-ARDZ using the Arduino header connections. The
SDP-K1 board controls the SPI communication and the RESET pin
(driven high) and monitors the ALERT pin and ADC_RDY pin of the
AD74115H. ALERT, ADC_RDY, RESET, and all four SPI pins, are
isolated using the ADP1034.
A reset button (S1) is also available on the EVAL-AD74115H-ARDZ
to manually reset the AD74115H.
REFERENCE OPTIONS
By default, the EVAL-AD74115H-ARDZ is configured to use an
external reference, the ADR4525. Alternatively, the AD74115H on-
chip reference can be used by shorting the REFOUT pin to the
REFIN pin. The appropriate jumpers must be connected if using the
external reference. See Table 1 for the specific jumper connections.
OUTPUT CHANNEL
The AD74115H channel is configured as described in the
AD74115H data sheet. Figure 22 shows the schematic details for
the channel.
There are two screw terminal blocks on the EVAL-AD74115H-
ARDZ. Use the I/OP and I/ON connector (P21) to connect the
desired load to the AD74115H channel. To apply stimulus to
the two auxiliary high voltage sense pins, SENSE_EXT1 and
SENSE_EXT2, use the I/O_EXT1 and I/O_EXT2 connector (P8).
TEST POINTS
Multiple test points are available on the EVAL-AD74115H-ARDZ
for all critical pins and on the connector screw terminals. The test
points are located next to the relevant pins on the AD74115H.
LINK CONFIGURATION OPTIONS
The JPx and Px jumpers must be set properly for operation of the
EVAL-AD74115H-ARDZ. The functions and default states of these
options are listed in Table 1. Before applying power and signals
to the EVAL-AD74115H-ARDZ, ensure that all links are set to the
default positions, as defined in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com