Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 11Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 12Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 13Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 14Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 15Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 16Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 17Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 18Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
User Guide
EVAL-AD74115H
NO-OS DRIVER QUICK START PROCEDURES
analog.com
Rev. 0 | 15 of 24
SPI SETUP USING USER DEFINED
MICROCONTROLLER
Once a different platform other than the SDP-K1 is used, power up
the digital input side of the ADP1034 by 3.3 V.
It is possible for users to control the AD74115H by using a user de-
fined microcontroller. The SPI is provided via the Arduino-compati-
ble shield pins. The Arduino connector pins, which are important for
proper function, are encircled in red in Figure 19. The RESET pin
must be controlled by the general-purpose input and output (GPIO)
or be tied to the high level. Otherwise, the EVAL-AD74115H-ARDZ
is held in a reset state.
Figure 19. Arduino Connector During User-Defined SPI Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com