Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 2Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 3Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 4Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 5Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 6Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 7Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
User Guide
EVAL-AD74115H
SOFTWARE QUICK START PROCEDURES
analog.com
Rev. 0 | 6 of 24
ACCESSING THE AD74115H EVALUATION
SOFTWARE GRAPHICAL USER INTERFACE
(GUI)
A MyAnalog account is required to gain access to the AD74115H
evaluation software, which is used to communicate with the EVAL-
AD74115H-ARDZ. Register for a MyAnalog account here. Once
your account is activated, contact the Analog Devices, Inc., sales
team to request access to the AD74115H evaluation software.
Download and extract the file from the Special Resources
section in your MyAnalog account to your PC. Run the
AD74115H_Eval_Software_setup executable. Once installation is
complete, restart the PC before launching the GUI.
CONFIGURING THE EVAL-AD74115H-ARDZ
To set up the EVAL-AD74115H-ARDZ, take the following steps:
1. Set VIO_ADJUST to 3.3 V using the P14 header on the SDP-
K1 board.
2. Connect a USB cable to the PC and then to the SDP-K1 board.
3. Connect the SDP-K1 board to the EVAL-AD74115H-ARDZ.
4. Power up the EVAL-AD74115H-ARDZ with the relevant power
supplies.
If not opened already, open the AD74115H evaluation software
GUI. The GUI displays a green indicator to confirm that the
AD74115H is connected (see Figure 3).
5. Click START to begin configuration.
Figure 3. AD74115H Evaluation Software Start Page
USING THE SOFTWARE FOR EVALUATION
Configure Tab
Use The Configure tab to configure the channel of the AD74115H.
The channel can be configured as described in the AD74115H data
sheet. Use the dropdown menus to configure the required function
(see Figure 4).
Figure 4. Channel Function View
When the function is selected, the associated advanced settings
are displayed (see Figure 5). Click Apply to update the device with
the selected settings.
Figure 5. Channel Function Advanced Settings
View Results Tab
When the channel configuration is applied, click the View Results
tab to see the channel monitor. Results from the selected channel
measurement are shown in the CONVERSION 1 graph. CONVER-
SION 2 can also be configured using the available dropdown me-
nus. This conversion is typically used for auxiliary measurements
(see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com