Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 10Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 11Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 12Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 13Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 14Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 15Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
User Guide
EVAL-AD74115H
SOFTWARE QUICK START PROCEDURES
analog.com
Rev. 0 | 12 of 24
Differential Voltage Measurements
A differential voltage can be measured between the SENSE_EXT1
and SENSE_EXT2 terminals.
In the View Results Tab, configure the AD74115H for differential
measurements as follows:
►
Enable Conversion 2.
►
Select the SENSE_EXT2 to SENSE_EXT1 measurement.
►
The ±12 V provides the widest measurement range.
Figure 11 shows the Conversion 2 results when SENSE_EXT1 is
stepped from +4 V to −3 V and back to 0 V while SENSE_EXT2 is
at 5 V.
Figure 11. Differential Voltage Measurement Example
Programmable Power Control
The ADP1034 provides programmable power control (PCC) that al-
lows dynamically changing the value of VAVDD. Changing the value
of VAVDD results in power savings. The value of VAVDD is set via a
one-wire serial bus between the ADP1034 and the AD74115H.
The GUI allows users to change the VAVDD value using the panel at
the top (see Figure 12). Modify the desired AVDD value and press
Apply button.
Figure 12. Top Panel of the AD74115H Evaluation GUI
The EVAL-AD74115H-ARDZ is designed with the maximum output
voltage up to 24 V of VAVDD. However, the ADP1034 can provide
up to 28 V for VAVDD, which is achieved by changing the Feedback
1 (FB1) resistor values of the ADP1034. Recommended values can
be found at ADP1034 data sheet. This modification results in the
Desired AVDD value displayed in the GUI no longer corresponding
to real value. For this reason, using the direct write to the PPC_TX
register with Address 0x66 is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com