Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1034ACP0Z-1-R7 Datasheet HTML 1Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 2Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 3Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 4Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 5Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 6Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 7Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
User Guide
EVAL-AD74115H
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 5 of 24
Table 1. EVAL-AD74115H-ARDZ Jumper Functionality
Link
Function
Default Position
JP1
The AD74115H charge pump is disconnected from AVSS. If using the charge pump of the AD74115H, close JP1 to connect
the charge pump voltage to the AVSS pin. JP1 and JP8 cannot be closed at the same time.
Open
JP3
REFIN provides power to the on-board thermistor.
Closed
JP8
Connect the VOUT3 pin of the ADP1034 to the AVSS supply pin of the AD74115H. If using the charge pump of the
AD74115H, open JP8 to disconnect the external power source from AVSS. JP1 and JP8 cannot be closed at the same time.
Closed
P14
Connect the REFIN pin of the AD74115H to the ADR4525, external precision reference. To use the internal reference,
connect Pin 2 to Pin 3.
Pin 1 to Pin 2
P15
The DO_VDD pin of the AD74115H is powered by the AVDD supply (that is, powered by the ADP1034). If the external
digital output functionality is required, apply an external power supply to the DO_SUPPLY terminal. Configure P15 to
connect the DO_VDD pin of the AD74115H to the external DO_SUPPLY (Pin 1 to Pin 2).
Pin 2 to Pin 3
P17
Connect the AD74115H HART_TX_OUT signal to the HART_TX_IN signal.
Pin 1 to Pin 2
P19
The ADP1034 SLEW pin is floating. For slower slew rates, tie the SLEW pin to the VINP pin of the ADP1034 or ground.
Open
P20
The LVIN pin of the AD74115H is switched to measure the thermistor voltage.
Pin 2 to Pin 3
JP2, P6, P7, P12,
P13
Digital output connectors. By default, the digital output circuitry is configured for internal digital output functionality (for
currents up to 100 mA, continuous). Full details of the connections required for each function are included in Table 2.
Configured for an internal
digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com