Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 16Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 17Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 18Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 19Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 20Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 21Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 22Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 23Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
User Guide
EVAL-AD74115H
ORDERING INFORMATION
analog.com
Rev. 0 | 21 of 24
BILL OF MATERIALS
Table 3. Bill of Materials
Quantity
Reference
Designator
Description
Manufacturer
Part Number
7
AGND_SENS
E, EXT2, I/ON,
MGND,
PGNDP,
SGND1,
SGND2
Connector, printed circuit board (PCB), black test points
Vero Technologies
20-2137
17
ALDO1V8,
AVCC, AVDD,
AVSS,
DLDO1V8,
DO_VDD,
DVCC, EXT1,
HART_RX,
HART_TX_IN,
HART_TX_OU
T, I/OP, LVIN,
PPC_CTRL,
REFIN, SWP,
VINP
Connector, PCB, red test points
Vero Technologies
20-313137
1
C1
0.1 μF ceramic capacitor, 16 V, 10%, X7R, 0402, AEC-Q200
Murata
GCM155R71C104KA55D
1
C10
0.33 μF ceramic capacitor, 16 V, 20%, X7R, 0603
Samsung
CL10B334KO8NNNC
1
C11
2200 pF capacitor, film, 63 V, 10%, 0805
Rubycon Corporation
63MU222KZ12012
1
C12
220 pF ceramic capacitor, 50 V, 5%, C0G, 0603
Yageo
CC0603JRNPO9BN221
1
C14
1 nF ceramic capacitor, 100 V, 10%, X7R, 0603
AVX Corporation
06031C102KAT2A
1
C16
0.1 μF ceramic capacitor, 16 V, 5%, X7R, 0603
Kemet
C0603C104J4RACTU
1
C17
0.022 μF ceramic capacitor, 25 V, 10%, X7R, 0402
Samsung
CL05B223KA5NNNC
3
C19, C26, C27 4.7 nF ceramic capacitors, 100 V, 10%, X7R, 0805
Wurth Elektronik
8.85012E+11
3
C2, C21, C23
1 μF ceramic capacitors, 25 V, 10%, X7R, 0805, AEC-Q200
Murata
GCM21BR71E105KA56L
4
C20, C25,
C28, C40
3300 pF ceramic capacitors, 3000 V, 10%, X7R, 1812
Vishay
HV1812Y332KXHATHV
1
C22
4.7 μF ceramic capacitor, 100 V, 10%, X7R, 2220
TDK
C5750X7R2A475K230KA
5
C24, C29,
C30, C38, C39
0.1 μF ceramic capacitors, 16 V, 10%, X7R, 0402
Kemet
C0402C104K4RACTU
1
C3
0.1 μF ceramic capacitor, 50 V, 10%, X7R, 0805, AEC-Q200
AVX Corporation
08055C104K4T4A
1
C33
4.7 μF ceramic capacitor, 50 V, 10%, X7R, 0805
Murata
GRM21BZ71H475KE15L
2
C34, C35
10 μF ceramic capacitors, 50 V, 10%, X7R, 1206
Samsung
CL31B106KBHNNNE
2
C36, C37
0.1 μF ceramic capacitors, 50 V, 10%, X7R, 0603
AVX Corporation
06035C104KAT2A
1
C4
0.022 μF ceramic capacitor, 16 V, 10%, X7R, 0603
AVX Corporation
0603YC223KAT2A
1
C5
10 μF ceramic capacitor, 16 V, 10%, X7R, 0805
Samsung
CL21B106KOQNNNE
1
C6
10 μF ceramic capacitor, 100 V, 20%, X7S, 2220, not
recommended for new design (NRND)
TDK
C5750X7S2A106M230KB
1
C7
0.1 μF ceramic capacitor, 100 V, 10%, X7R, 0805
TDK
C2012X7R2A104K125AA
2
C8, C9
2.2 μF ceramic capacitors, 6.3 V, 20%, X5R, 0402, low effective
series resistance (ESR), NRND
TDK
C1005X5R0J225M050BC
1
D1
Diode ultrafast rectifier, 1 A, 200 V, automotive
Diodes, Inc.
US1DWF-7
1
D10
Diode, zener, voltage regulator, 47 V, 0.5 W
On Semiconductor
MMSZ5261BT1G
1
D11
Diode, Schottky, barrier rectifier, 1 A, 200 V
Diodes, Inc.
DFLS1200Q-7
1
D2
Diode, TVS, single unidirectional, 36 V, 600 W
Vishay
SMBJ36A-E3/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com