Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 16Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 17Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 18Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 19Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 20Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 21Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 22Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 23Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
User Guide
EVAL-AD74115H
ORDERING INFORMATION
analog.com
Rev. 0 | 22 of 24
Table 3. Bill of Materials
Quantity
Reference
Designator
Description
Manufacturer
Part Number
3
D3, D4, D5
Diodes, TVS, bidirectional
Fairchild Semiconductor
SMBJ36CA
2
D6, D8
Diodes, electrostatic discharge (ESD), capability rectifier, 1 A
Vishay
MSE1PB-M3/89A
1
D7
Diode, TVS unidirectional
On Semiconductor
ESD9M5.0ST5G
4
DO_SUPPLY,
P8, P18, P21
Connector PCB, two position, headers
Phoenix Contact
1759017
4
DS1, DS2,
DS3, DS4
Light emitting diodes (LEDs) green, surface-mount devices (SMD)
Kingbright
APHHS1005ZGC
4
JP1, JP2, JP3,
JP8
Connector, PCB, Berg, jumpers, male, two position, 1X, M000385
Amphenol, FCI
69157-102HLF
2
L1, L2
Inductors, shield power, 0.39 A, 3 Ω dc resistance
Coilcraft, Inc.
XFL3012-104MEB
1
P1
Connector, PCB, receptacle, 25 mil, square post, 2.54 mm pitch
Samtec
SSQ-106-03-G-S
9
P6, P7, P12,
P13, P14, P15,
P17, P19, P20
Connector, PCB, headers, 2.54 mm pitch, single in-line, vertical PC
tail
Harwin
M20-9990345
1
P16
Connector, PCB, vertical PC tail pin header
Harwin
M20-9990445
2
P2, P5
Connectors, PCB, receptacle, 25 mil, square post, 2.54 mm pitch
Samtec
SSQ-108-03-G-S
1
P3
Connector, PCB, receptacle, 25 mil, square post, dual row, 2.54 mm
pitch
Samtec
SSQ-103-03-G-D
1
P4
Connector, PCB, receptacle, 25 mil, square post, 2.54 mm pitch
Samtec
SSQ-110-03-G-S
2
Q2, Q4
Transistors, P-channel MOSFET, 100 V, 10.8 A
Vishay
SI7113ADN-T1-GE3
1
Q3
Transistor, N-channel MOSFET, 100 V, 11.3 A
Vishay
SIA416DJ-T1-GE3
16
R1, R3, R5,
R16, R17,
R28, R35,
R36, R37,
R38, R39,
R40, R41,
R47, R48, R49
0 Ω resistors, jumper, 1/10 W, 0603, AEC-Q200
Panasonic
ERJ-3GEY0R00V
3
R8, R9, R12
100 kΩ resistors, SMD, 1%, 1/16 W, 0603
Multicomp (SPC)
MC 0.063W 0603 1% 100K
1
R13
2 kΩ resistor, SMD, 0.01%, 1/8 W, 0805, AEC-Q200
Stackpole Electronics, IncC.
RNCF0805TKY2K00
2
R14, R15
2.7 kΩ resistors, SMD, 0.5%, ¼ W, 0805, AEC-Q200
Panasonic
ERJ-PB6D2701V
1
R18
27 kΩ resistor, SMD, 1%, 1/8 W, 1206
Multicomp (SPC)
MC 0.125W 1206 1% 27K.
1
R19
100 Ω resistor, SMD, 0.05%, 1/4 W, 1206, AEC-Q200
SUSUMU CO, LTD
RG3216N-1000-W-T1
1
R20
33 kΩ resistor, SMD, 0.1%, 1/8 W, 0805, AEC-Q200, high reliability Panasonic
ERA-6AEB333V
3
R21, R24, R34 10 kΩ resistors, SMD, 1%, 1/10 W, 0603, AEC-Q200
Panasonic
ERJ-3EKF1002V
1
R23
10 kΩ resistor, SMD, 1%, 1/16 W, 0402, AEC-Q200
Vishay
CRCW040210K0FKED
2
R25, R26
0.15 Ω resistors, SMD, 1%, 1/4 W, 1206
BOURNS
CRL1206-FW-R150ELF
1
R29
2 kΩ resistor, SMD, 1%, 1/8 W, 0805, AEC-Q200
Panasonic
ERJ-6ENF2001V
4
R30, R31,
R32, R33
1 kΩ resistors, SMD, 1%, 1/10 W, 0603, AEC-Q200
Panasonic
ERJ-3EKF1001V
1
R42
3.48 MΩ resistor, SMD, 1%, 1/10 W, 0603, AEC-Q200
Vishay
CRCW06033M48FKEA
1
R43
118 kΩ resistor, SMD, 1%, 1/10 W, 0603, AEC-Q200
Panasonic
ERJ-3EKF1183V
1
R44
100 kΩ resistor, SMD, 1%, 1/10 W, 0603, AEC-Q200
Panasonic
ERJ-3EKF1003V
1
R45
191 kΩ resistor, SMD, 1%, 1/10 W, 0603, AEC-Q200
Vishay
CRCW0603191KFKEA
1
R46
3.4 MΩ resistor, SMD, 1%, 1/10 W, 0603, AEC-Q200
Vishay
CRCW06033M40FKEA
1
RT1
33 kΩ thermistor, negative temperature coefficient, 5%, 0805, AEC-
Q200
Vishay
NTCS0805E3333JHT
1
S1
Tactile switch, single-pole, single throw normally open, 0.05 A, 12 V C&K
RS-282G05A3-SM RT
1
T1
Transformer flyback low leakage, 4.5 V to 6 V input
Coilcraft, Inc.
ZA9644-AED
1
U1
IC 32 KBIT serial EEPROM
Microchip Technology
24AA32A-I/SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com