Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 7Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 10Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 11Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 12Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 13Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 14Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
User Guide
EVAL-AD74115H
SOFTWARE QUICK START PROCEDURES
analog.com
Rev. 0 | 11 of 24
DEVICE FUNCTION NOTES
The following sections outline the load connectivity and hardware
requirements for the various functions of the AD74115H.
Analog Outputs, Analog Input, and Digital
Input Functions
Connect all loads between the I/OP and I/ON screw terminals.
Use the channel view dropdown menus to select the function of
choice and configure the advanced settings as required.
Resistance Measurements
Take the 2-wire resistance measurements between the I/OP and
I/ON screw terminals.
When measuring the 3-wire resistance temperature detectors
(RTDs) with the evaluation GUI, connect the RTD as follows:
►
Connect Lead 1 of the 3-wire RTD to the I/OP screw terminal.
►
Connect Lead 2 of the 3-wire RTD to the SENSE_EXT1 terminal.
►
Connect Lead 3 of the 3-wire RTD to the I/ON screw terminal.
When measuring the 4-wire RTDs with the evaluation GUI, connect
the RTD as follows:
►
Connect Lead 1 of the 4-wire RTD to I/OP terminal and connect
its sense, Lead 2, to the SENSE_EXT2 terminal.
►
Connect Lead 3 of the 4-wire RTD to I/ON terminal and connect
its sense, Lead 4, to the SENSE_EXT1 terminal.
For the best 3-wire and 4-wire measurement results, configure
the excitation current and ADC measurement range to suit the
chosen RTD range. Three measurement ranges are described in
the AD74115H data sheet, along with the proposed measurement
settings.
Digital Output
The ADP1034 can provide the power required to power the internal
digital output function. When using the internal digital output func-
tion, connect the DO_VDD power supply to be AVDD by connecting
Pin 2 to Pin 3 of P15.
Configure the EVAL-AD74115H-ARDZ board correctly before set-
ting the AD74115H as a digital output. The jumper settings required
for the various internal digital output functions are outlined in Table
2.
For the external digital output, an additional power supply is
required to provide current to the external field-effect transistors
(FETs).
When using the external digital output function, connect the
DO_VDD power supply to be DO_SUPPLY terminal by connecting
Pin 1 to Pin 2 of P15.
Take care with the external FETs because these FETs can be
thermally damaged if short-circuit times are set too long. The FETs
chosen for the external digital output function are the following:
►
SI7113ADN-T1-GE3: P-channel metal-oxide semiconductor
(PMOS) FET for sourcing current
►
SIA416DJ-T1-GE3: N-channel MOS (NMOS) FET for sinking
current
Table 2. Jumper Connections for Digital Output Modes
Digital Output Function
JP2
P6
P7
P12
P13
Internal Digital Output
Open
Pin 1 to Pin 2
Pin 1 to Pin 2
Pin 2 to Pin 3
Pin 2 to Pin 3
External Digital Output
Open
Pin 2 to Pin 3
Pin 2 to Pin 3
Pin 2 to Pin 3
Pin 2 to Pin 3
External Digital Output with Smart Diode
Closed
Pin 2 to Pin 3
Pin 2 to Pin 3
Pin 1 to Pin 2
Pin 1 to Pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com