Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACP0Z-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1034ACP0Z-1-R7 Datasheet HTML 1Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 2Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 3Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 4Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 5Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 6Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 7Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 8Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
User Guide | EVAL-AD74115H
UG-2048
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | 1 of 24
FEATURES
►
Fully featured evaluation board for the AD74115H
►
System power and isolation provided by the ADP1034
►
On-board 2.5 V ADR4525 reference
►
SPI compatible
►
PC-based software for control
►
No-OS MBED drivers providing example code in C
EVALUATION KIT CONTENTS
►
EVAL-AD74115H-ARDZ evaluation board
EQUIPMENT NEEDED
►
EVAL-SDP-CK1Z (SDP-K1)
►
Bench top power supply and connector cables
►
PC running Windows
® 7 or Windows 10 operating system
DOCUMENTS NEEDED
►
AD74115H data sheet
►
ADP1034 data sheet
►
ADR4525 data sheet
SOFTWARE NEEDED
►
AD74115H evaluation software for control
►
Mbed Studio for running example code written in C programming
language
GENERAL DESCRIPTION
The EVAL-AD74115H-ARDZ is a fully featured evaluation board
that can be used to evaluate the features of the AD74115H in a
full system solution where power and isolation are provided by the
ADP1034. The AD74115H is a single-channel, software configura-
ble, input and output device. The device has functionality for analog
output, analog input, digital input, digital output, and 2-wire, 3-wire,
and 4-wire resistance temperature detector (RTD) measurements
integrated into a single-chip solution with a compatible serial periph-
eral interface (SPI).
The EVAL-AD74115H-ARDZ can be controlled via a system dem-
onstration platform (SDP) board. The EVAL-SDP-CK1Z (SDP-K1)
board allows the EVAL-AD74115H-ARDZ to be controlled via the
USB port of a PC using the AD74115H evaluation software. The
EVAL-AD74115H-ARDZ requires an operating supply of 4.5 V to 60
V. The PC provides power to the SDP-K1 board.
For full details on the AD74115H and ADP1034, see the AD74115H
and ADP1034 data sheets, which must be consulted in conjunction
with this user guide when using the EVAL-AD74115H-ARDZ.


Similar Part No. - ADP1034ACP0Z-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1034ACPZ-1-R7 AD-ADP1034ACPZ-1-R7 Datasheet
4Mb / 41P
3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
Rev. 0
ADP1034ACPZ-1-U1 AD-ADP1034ACPZ-1-U1 Datasheet
4Mb / 41P
3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
Rev. 0
More results

Similar Description - ADP1034ACP0Z-1-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
HART Modem
Rev 0; 10/08
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
HART Modem
December, 2011 ??Rev. 5
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
HART Modem
October, 2011 ??Rev. 2
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
HART Modem
March, 2013 ??Rev. 6
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
HART Modem
March, 2016 ??Rev. 1
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
Quad-Channel, Software Configurable Input and Output
Rev. 0
AD74115H AD-AD74115H Datasheet
3Mb / 113P
Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
AD74115 AD-AD74115 Datasheet
3Mb / 103P
Single-Channel, Software Configurable Input and Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com