Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
7.5 Electrical Characteristics
at TA = 25 °C, VS = VSOUT = ±15 V, VICM = VOCM is at mid-supply, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Differential offset voltage (input
referred)
G = 1 to 16
±70
±400
µV
G < 1
±70/G
±400/G
Differential offset voltage drift
(input referred)
G = 1 to 16, TA = –40°C to +125°C
±0.3
±1.0
µV/°C
G < 1, TA = –40°C to +125°C
±0.3/G
±1.0/G
PSRR
Power-supply rejection ratio
±4 V ≤ VS ≤ ±18 V, RTI
G = 0.125
95
110
dB
G = 0.25
98
114
dB
G = 0.5
100
118
G = 1
120
134
G = 2
120
126
G = 4
120
132
G = 8
120
136
G = 16
120
140
zid
Differential impedance
1 || 1
GΩ || pF
zic
Common-mode impedance
1 || 7
GΩ || pF
VICM
Common-mode input voltage
VS = ±4 V to ±18 V
(VS–) + 2.5
(VS+) – 2.5
V
VS = ±4 V to ±18 V, TA = –40°C to +125°C
(VS–) + 3
(VS+) – 2.5
CMRR
Common-mode rejection ratio
At dc to 60 Hz,
VICM = ± 10 V,
TA = –40°C to +125°C,
RTI
G = 0.125
64
82
dB
G = 0.25
70
88
G = 0.5
76
94
G = 1
82
100
G = 2
88
106
G = 4
94
112
G = 8
100
118
G = 16
106
124
BIAS CURRENT
IB
Input bias current
0.5
nA
TA = –40°C to +125°C
1
Input bias current drift
TA = –40°C to +125°C
10
pA/°C
IOS
Input offset current
0.5
nA
TA = –40°C to +125°C
1
Input offset current drift
TA = –40°C to +125°C
10
pA/°C
PGA855
SBOSAE0 – APRIL 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com