Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Frequency (Hz)
-80
-60
-40
-20
0
20
40
10
100
1k
10k
100k
1M
10M
G = 0.125
G = 0.25
G = 0.5
G = 1
G = 2
G = 4
G = 8
G = 16
Differential load capacitance = 50 pF
Figure 7-25. Gain vs Frequency
G = 0.125 V/V
Differential load capacitance = 50 pF
Figure 7-26. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-100
-75
-50
-25
0
25
50
75
100
G = 1 V/V
Differential load capacitance = 50 pF
Figure 7-27. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-100
-75
-50
-25
0
25
50
75
100
G = 16 V/V
Differential load capacitance = 50 pF
Figure 7-28. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-8
-6
-4
-2
0
2
4
6
8
G = 1 V/V
Figure 7-29. Large-Signal Step Response
Time (20 s/div)
0
1
2
3
4
5
G = 4
G = 2
G = 8
G = 16
Input voltage = 250 mVPP
Figure 7-30. Gain Switching Transient Response
PGA855
SBOSAE0 – APRIL 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com