Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Table 9-2. PGA855 and ADS127L11 FFT Data Summary, OSR = 64, Sinc4 Filter
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.125
—
—
—
—
0.25
16.011
109.0
–119.3
17.8
0.5
8.006
109.8
–121.2
17.9
1
4.003
109.6
–121.4
17.9
2
2.001
109.6
–121.4
17.9
4
1.001
107.4
–121.4
17.5
8
0.500
104.0
–121.4
17.0
16
0.250
99.1
–117.0
16.2
Table 9-3. PGA855 and ADS127L11 FFT Data Summary, OSR = 64, Wideband Filter
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.125
—
—
—
—
0.25
16.011
107.5
–119.0
17.5
0.5
8.006
107.7
–121.2
17.6
1
4.003
107.6
–121.4
17.6
2
2.001
107.0
–121.4
17.5
4
1.001
105.4
–121.4
17.2
8
0.500
101.7
–121.4
16.6
16
0.250
96.7
–117.0
15.8
Frequency (Hz) - FFT
0
20000
40000
60000
80000
100000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
G = 1 V/V, fIN = 1 kHz, SNR = 109.6 dB, THD = –121.4 dB
Figure 9-2. Performance FFT Plots With
ADS127L11, OSR = 64, Sinc4 Filter
Frequency (Hz) - FFT
0
20000
40000
60000
80000
100000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
G = 1 V/V, fIN = 1 kHz, SNR = 107.6 dB, THD = –121.4 dB
Figure 9-3. Performance FFT Plots With
ADS127L11, OSR = 64, Wideband Filter
PGA855
SBOSAE0 – APRIL 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com