Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
8.3.3 Output Common-Mode Pin
The output voltages of the PGA855 are balanced with respect to the voltage on the output common-mode pin,
VOCM. The starting point for most designs is to assign an output common-mode voltage for the PGA855. For
ac-coupled signal paths, this voltage is often the default mid-supply voltage, so as to retain the most available
output swing around the voltage centered at VOCM. For dc-coupled signal paths, set this voltage between a
maximum of VLVDD – 1.5 V and minimum of VLVSS + 1.5 V. For precision ADC applications, this voltage is
typically the input common-mode voltage of the ADC.
The voltage at the VOCM pin is internally buffered to bias the fully differential output amplifier, eliminating the
need for an external VOCM buffer. In the event that the VOCM pin is left floating, the output common-mode voltage
is biased at output mid-supply using an internal 500-kΩ / 500-kΩ resistor divider network connected between the
output-stage power-supply pins.
8.3.4 Using the Fully Differential Output Amplifier to Shape Noise
Section 8.2 shows that the PGA855 output-stage fully-differential amplifier uses 5-kΩ feedback resistors
between the OUT+ and OUT– outputs and the inverting and noninverting inputs, respectively. External direct
access to the inverting and noninverting inputs of the fully differential amplifier is provided through the FDA_IN–
and FDA_IN+ pins, respectively. This option allows circuit designers to add external feedback capacitors in
parallel with the internal feedback resistors to implement noise-filtering or noise-shaping techniques. These
pins can also be used to implement customized attenuating gains for the output stage. Consider the following
important factors when designing parallel circuits with the internal feedback resistors:
• The accuracy of the internal resistor network is 0.01 % or better. This accuracy results in a common-mode
rejection (CMRR) of 80 dB or better. Mismatched leakage currents on these pins can cause CMRR
degradation.
• The internal resistors have ±15% absolute resistance variation and must be considered when implementing
custom attenuating gains or noise filters.
•
CAUTION
Do not treat these pins as outputs, nor use the pins to source or sink current. Excessive currents
through the feedback resistors can cause permanent damage to internal circuitry.
8.4 Device Functional Modes
The PGA855 has a single functional mode and operates when the input-stage power supply is greater than ±4 V
(8 V) and the output-stage power supply is greater than ±2.25 V (4.5 V); see also Section 7.3.
www.ti.com
PGA855
SBOSAE0 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com