Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
9.2.1.1 Design Requirements
The design requirements for the application driving the ADS127L11 ADC are listed in the following table.
Table 9-1. Design Parameters
PARAMETER
VALUE
Differential-to-differential conversion
VINDIFF to VOUTDIFF
Supply voltages
VS± = ±15 V, LVDD = 5 V, LVSS = GND, VREF = 4.096 V
Full-scale range of ADC
FSR = ± 4.096 V
Data rate of ADC
fDATA = 187.5 kSPS
ADC filter configuration
(1) High-speed mode, Sinc4 filter, OSR = 64
(2) High-speed mode, Wideband filter, OSR = 64
PGA gain
See Table 9-2 and Table 9-3
Signal frequency
Tested at fIN = 1 kHz
RC kickback filter(1)
RFIL = 47.4 Ω, CDIFF = 560 pF, CCM = 51 pF
(1)
A trade-off must be considered between THD, frequency response and drift. The differential current
drift into the ADC can interact with the filter resistors and result in higher drift errors. However, lower
resistance degrades the phase margin of the PGA855. For low drift applications, keep RFIL < 50 Ω.
9.2.1.2 Detailed Design Procedure
Table 9-2 and Table 9-3 show the typical signal-to-noise (SNR) and total harmonic distortion (THD) of the
PGA855 driving the ADS127L11 delta-sigma ADC using a sinc4 or wideband filter. Figure 9-2 and Figure 9-3
show the respective FFT plots. For the SNR and THD measurements, a 1-kHz differential signal is applied. The
signal amplitude is adjusted to produce a PGA855 output at –0.2 dBFS of the ADC full-scale range. For a list of
the equivalent input voltage amplitude signals for the different PGA855 gain configurations, see Table 9-2 and
Table 9-3.
The R-C-R differential low-pass filter at the input of the instrumentation amplifier helps reduce EMI/RFI high-
frequency extrinsic noise. This filter can be customized per the bandwidth and application requirements. This
design example (see Figure 9-1) suggests a filter with the capacitor ratio of CIN_DIFF = 10 × CIN_CM. Using the
10-to-1 ratio for differential capacitor CIN_DIFF versus common-mode capacitors CIN_CM offers good differential
and common-mode noise rejection, and this arrangement tends to be less sensitive to the tolerance variation
and mismatch of the filter capacitors.
The feedback capacitor, CFB, is in parallel with the PGA855 output-stage 5-kΩ feedback resistors to implement
additional noise filtering. The internal resistors have ±15 % absolute resistance variation, and this variation must
be taken in to account when implementing noise filtering. In this example, CFB is set to 25 pF, providing a typical
f–3dB corner frequency of 1 MHz. The estimated minimum f–3dB corner frequency for this circuit is approximately
938 kHz when accounting for the feedback-resistor variation.
The filter at the ADS127L11 inputs works as a charge reservoir to filter the sampled input of the ADC. The
charge reservoir reduces the instantaneous charge demand of the amplifier, maintaining low distortion and low
gain error that otherwise can degrade because of incomplete amplifier settling. The ADC input filter values are
RFIL = 47.4 Ω, CDIFF = 560 pF, and CCM = 51 pF.
High-grade COG (NPO) are used everywhere in the signal path (CIN_DIFF, CIN_CM, CFB, CDIFF, CCM) for
low distortion. Among ceramic surface-mount capacitors, COG (NPO) ceramic capacitors provide the best
capacitance accuracy. The type of dielectric used in COG (NPO) ceramic capacitors provides the most stable
electrical properties over voltage, frequency, and temperature changes.
www.ti.com
PGA855
SBOSAE0 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com