Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-4000
-3200
-2400
-1600
-800
0
800
1600
2400
3200
4000
Mean
+3
-3
G = 0.125 V/V
53 units, 1 wafer lot
Figure 7-7. Offset Voltage (RTI) vs Temperature
G = 1 V/V
53 units, 1 wafer lot
Figure 7-8. Offset Voltage (RTI) vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-400
-300
-200
-100
0
100
200
300
400
Mean
+3
-3
G = 16 V/V
53 units, 1 wafer lot
Figure 7-9. Offset Voltage (RTI) vs Temperature
Input Common Mode Voltage (V)
-14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14
-1500
-1000
-500
0
500
1000
1500
G = 0.125
G = 0.25
G = 0.5
G = 1
G = 2
G = 4
G = 8
G = 16
CM Range
Typical unit shown
Figure 7-10. Offset Voltage (RTI) vs Input Common-Mode
Voltage
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
-600
-400
-200
0
200
400
600
N = 2500
Mean = 44.98 µV/V
Std. dev. = 100 µV/V
G = 0.125 V/V
Figure 7-11. CMRR Distribution
N = 2500
Mean = 5.61 µV/V
Std. dev. = 12.50 µV/V
G = 1 V/V
Figure 7-12. CMRR Distribution
www.ti.com
PGA855
SBOSAE0 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com