Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 1 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain
Instrumentation Amplifier
1 Features
• Eight pin-programmable binary gains
– G (V/V) = ⅛, ¼, ½, 1, 2, 4, 8, and 16
• Low gain error drift: 2 ppm/°C (max)
• Fully differential outputs
– Independent output power-supply pins
– Output common-mode control
• Faster signal processing:
– Wide bandwidth: 10 MHz at all gains
– High slew rate: 35 V/µs
– Settling time:
500 ns to 0.01%, 950 ns to 0.0015%
– Input stage noise: 7.8 nV/√Hz at G = 16 V/V
– Filter option to achieve better SNR
• Input overvoltage protection to ±40 V beyond
supplies
• Input-stage supply range:
– Single supply: 8 V to 36 V
– Dual supply: ±4 V to ±18 V
• Output-stage supply range:
– Single supply: 4.5 V to 36 V
– Dual supply: ±2.25 V to ±18 V
• Specified temperature range: –40°C to +125°C
• Small package: 3-mm × 3-mm QFN
2 Applications
• Factory automation and control
• Analog input module
• Data acquisition (DAQ)
• Test and measurement
• Semiconductor test
3 Description
The PGA855 is a high-bandwidth programmable
gain instrumentation amplifier with fully differential
outputs. The PGA855 is equipped with eight binary
gain settings, from an attenuating gain of 0.125 V/V
to a maximum of 16 V/V, using three digital gain
selection pins. The output common-mode voltage can
be independently set using the VOCM pin.
The PGA855 architecture is optimized to drive
inputs of high-resolution, precision analog-to-digital
converters (ADCs) with sampling rates up to 1 MSPS
without the need for an additional ADC driver. The
output-stage power supplies are decoupled from the
input stage to protect the ADC or downstream device
against overdrive damage.
The super-beta input transistors offer an impressively
low input bias current, which in turn provides a
very low input current noise density of 0.3 pA/√Hz,
making the PGA855 a versatile choice for virtually
any sensor type. The low-noise current-feedback
front-end architecture offers excellent gain flatness
even at high frequencies, making the PGA855 an
excellent high-impedance sensor readout device.
Integrated protection circuitry on the input pins
handles overvoltages up to ±40 V beyond the power-
supply voltages.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
PGA855
RGT (VQFN, 16)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
–
OUT+
IN
IN+
OUT
ADC
INP
INN
FDA_IN
FDA_IN+
PGA855
+
–
VIN+
VIN
VOCM
+
VO
Gain
Network
A<2:0>
DGND
OVP
OVP
VS-
VS+
LVDD
LVSS
5 V
VDD
VSS
R
R
R
R
PGA855 Simplified Application
Frequency (Hz)
-80
-60
-40
-20
0
20
40
10
100
1k
10k
100k
1M
10M
G = 0.125
G = 0.25
G = 0.5
G = 1
G = 2
G = 4
G = 8
G = 16
Gain vs Frequency
PGA855
SBOSAE0 – APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - INA849

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA849 TI-INA849 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
More results

Similar Description - INA849

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Texas Instruments
INA851 TI-INA851 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com