Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25 °C, VS = VSOUT = ±15 V, VICM = VOCM is at mid-supply, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT COMMON-MODE VOLTAGE (VOCM) CONTROL
VOCM
Common-mode input voltage
VS = ±4 V
VLVSS + 1.5
VLVDD – 1.5
VS = ±18 V
VLVSS + 2
VLVDD – 2
Small-signal bandwidth VOCM pin VOCM = 100 mVPP
30
MHz
Large-signal bandwidth VOCM pin VOCM = 0.6 VPP
TBD
MHz
DC output balance
VOCM fixed at mid-supply (VO = ±1 V)
70
dB
Input impedance VVOCM pin
250 || 1
kΩ || pF
VOCM offset from mid-supply
VOCM pin floating
±1
±3.5
mV
VOCM offset voltage
VOCM = VICM, VO = 0 V
±1
±3.5
mV
VOCM offset voltage drift
VOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±20
±40
µV/°C
INPUT STAGE POWER SUPPLY
IQ_input
Input stage quiescent current
VS+, VS–
VIN = 0 V
3
mA
TA = –40°C to +125°C
4.5
OUTPUT STAGE POWER SUPPLY
IQ_output
Output stage quiescent current
LVDD, LVSS
VIN = 0 V, VOCM fixed at mid-supply
2.2
mA
TA = –40°C to 125°C
3
DIGITAL LOGIC
VIL
Digital input logic low
A0, A1, A2 pins, referred to DGND
VDGND
VDGND + 0.8
V
VIH
Digital input logic high
A0, A1, A2 pins, referred to DGND
VDGND + 2
VS+
V
Digital input pin current
A0, A1, A2 pins
1.5
3
µA
VDGND
DGND voltage
VS–
(VS+) – 4
V
DGND reference current
4
10
µA
PGA855
SBOSAE0 – APRIL 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com