Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Differential Output Voltage (V)
-12
-8
-4
0
4
8
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
G = 1 V/V
VOUTDIFF = 10 V
Figure 7-19. Gain Nonlinearity
Differential Output Voltage (V)
-12
-8
-4
0
4
8
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
G = 16 V/V
VOUTDIFF = 10 V
Figure 7-20. Gain Nonlinearity
Frequency (Hz)
5
10
20
30
50
100
200
300
500
1000
2000
100m
1
10
100
1k
10k
100k
G = 0.125
G = 0.25
G = 0.5
G = 1
G = 2
G = 4
G = 8
G = 16
Typical unit shown
Figure 7-21. Voltage Noise Spectral Density (RTI) vs Frequency
G = 0.125 V/V
Figure 7-22. 0.1-Hz to 10-Hz Voltage Noise (RTI)
G = 1 V/V
Figure 7-23. 0.1-Hz to 10-Hz Voltage Noise (RTI)
G = 16 V/V
Figure 7-24. 0.1-Hz to 10-Hz Voltage Noise (RTI)
www.ti.com
PGA855
SBOSAE0 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com