Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 15 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 11Page - NXP Semiconductors APR2/D Datasheet HTML 12Page - NXP Semiconductors APR2/D Datasheet HTML 13Page - NXP Semiconductors APR2/D Datasheet HTML 14Page - NXP Semiconductors APR2/D Datasheet HTML 15Page - NXP Semiconductors APR2/D Datasheet HTML 16Page - NXP Semiconductors APR2/D Datasheet HTML 17Page - NXP Semiconductors APR2/D Datasheet HTML 18Page - NXP Semiconductors APR2/D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
DSP56001A
Host Interface (HI) Port
MOTOROLA
DSP56001A/D, Rev. 1
1-9
HEN
PB12
Input
Input or
Output
Tri-stated Host Enable—This input enables a data transfer on the host data bus.
When HEN is asserted and HR/W is high, H0–H7 become outputs
and the host processor may read DSP56001A data. When HEN is
asserted and HR/W is low, H0–H7 become inputs. Host data is
latched in the DSP on the rising edge of HEN. Normally, a chip select
signal derived from host address decoding and an enable strobe are
used to generate HEN.
Port B GPIO 12 (PB12)
—This signal is aGPIO signal called PB12
when the Host Interface is not being used.
After reset, the default state for this signal is GPIO input.
HREQ
PB13
Open
drain
Output
Input or
Output
Tri-stated Host Request—This signal is used by the Host Interface to request
service from the host processor, DMA controller, or a simple external
controller.
Note:
HREQ should always be pulled high when it is not in use.
Port B GPIO 13 (PB13)
—This signal is a GPIO (not open-drain) signal
(PB13) when the Host Interface is not selected.
After reset, the default state for this signal is GPIO input.
HACK
PB14
Input
Input or
Output
Tri-stated Host Acknowledge—This input has two functions. It provides a host
acknowledge handshake signal for DMA transfers and it receives a
host interrupt acknowledge compatible with MC68000 family
processors.
Note:
HACK should always be pulled high when it is not in use.
Port B GPIO 14 (PB14)
—This signal is a GPIO signal (PB14) when the
Host Interface is not selected, and may be programmed as a GPIO
signal when the Host Interface is selected.
After reset, the default state for this signal is GPIO input.
Table 1-9
HI Signals (Continued)
Signal
Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com