Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 57Page - NXP Semiconductors APR2/D Datasheet HTML 58Page - NXP Semiconductors APR2/D Datasheet HTML 59Page - NXP Semiconductors APR2/D Datasheet HTML 60Page - NXP Semiconductors APR2/D Datasheet HTML 61Page - NXP Semiconductors APR2/D Datasheet HTML 62Page - NXP Semiconductors APR2/D Datasheet HTML 63Page - NXP Semiconductors APR2/D Datasheet HTML 64Page - NXP Semiconductors APR2/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
DSP56001A
Pin-out and Package Information
MOTOROLA
DSP56001A/D, Rev. 1
3-9
27
D13
RXD
C
PC0
28
E13
TXD
PC1
29
F13
SCLK
PC2
31
F12
SC0
PC3
40
K13
SC1
PC4
37
H13
SC2
PC5
32
G13
SCK
PC6
42
J12
SRD
PC7
39
J13
STD
PC8
Table 3-2
DSP56001A Signal Identification by Pin Number — PGA
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
A1
D19
D1
D14
L6
GNDN
A2
D21
D2
D16
L8
VCCN
A3
D22
D3
GNDD
L9
GNDN
A4
MODB/IRQB
D12
H0/PB0
L12
RD
A5
RESET
D13
RXD/PC0
L13
BR/WT
A6
XTAL
E1
D13
M1
D3
A7
HA2/PB10
E11
GNDH
M2
D1
A8
HA1/PB9
E13
TXD/PC1
M3
A15
A9
HACK/PB14
F1
D11
M5
A11
A10
HEN/PB12
F2
D12
M6
A9
A11
HR/W/PB11
F12
SC0/PC3
M8
A5
Table 3-1
DSP56001A General Purpose I/O Pin Identification
Pin Number
132 pin
“FC” PQFP
“FE” CQFP
Pin Number
88 pin
“RC” PGA
Primary
Function
Port
GPIO ID
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com