Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 3Page - NXP Semiconductors APR2/D Datasheet HTML 4Page - NXP Semiconductors APR2/D Datasheet HTML 5Page - NXP Semiconductors APR2/D Datasheet HTML 6Page - NXP Semiconductors APR2/D Datasheet HTML 7Page - NXP Semiconductors APR2/D Datasheet HTML 8Page - NXP Semiconductors APR2/D Datasheet HTML 9Page - NXP Semiconductors APR2/D Datasheet HTML 10Page - NXP Semiconductors APR2/D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
MOTOROLA
DSP56001A/D, Rev. 1
1-1
SECTION
1
SIGNAL/PIN DESCRIPTIONS
INTRODUCTION
DSP56001A signals are organized into twelve functional groups as summarized in Table 1-1.
Figure 1-1
is a diagram of DSP56001A signals by functional group.
Table 1-1
Signal Functional Group Allocations
Functional Group
Number
of
Signals
Detailed
Description
Power (VCCX)5
Table 1-2
Ground (GNDX)7
Table 1-3
Clock
2
Table 1-4
Address Bus
Port A1
16
Table 1-5
Data Bus
24
Table 1-6
Bus Control
7
Table 1-7
Interrupt and Mode Control
3
Table 1-8
Host Interface (HI) Port
Port B2
15
Table 1-9
Serial Communications Interface (SCI) Port
Port C3
3
Table 1-10
Synchronous Serial Interface (SSI) Port
6
Table 1-11
Note:
1.
Port A signals define the External Memory Interface port.
2.
Port B signals are GPIO signals multiplexed on the external pins also used with the HI signals.
3.
Port C signals are GPIO signals multiplexed on the external pins also used by the SCI and SSI ports.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com