Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 70 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 66Page - NXP Semiconductors APR2/D Datasheet HTML 67Page - NXP Semiconductors APR2/D Datasheet HTML 68Page - NXP Semiconductors APR2/D Datasheet HTML 69Page - NXP Semiconductors APR2/D Datasheet HTML 70Page - NXP Semiconductors APR2/D Datasheet HTML 71Page - NXP Semiconductors APR2/D Datasheet HTML 72Page - NXP Semiconductors APR2/D Datasheet HTML 73Page - NXP Semiconductors APR2/D Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
3-18
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
Figure 3-7 132-pin Plastic Quad Flat Pack (PQFP) Mechanical Information
L
L-M
0.016
N
H
A1
S
J
A
S1
J1
1
17
117
18
116
50
84
51
83
VIEW AB
PIN 1
IDENT
AA
AA
V1
B1
P
V
B
P1
2X
0.002 L-M
4X
2X
0.002 N
4X
0.004 T
C1
4X 33 TIPS
C2
C
SEATING
PLANE
D1
132X
GAGE
PLANE
AC AC
128X
G
X=L, M, OR N
CL
VIEW AB
(D)
BASE
D2
E
E1
PLATING
SECTION AC-AC
K
D
132X
U
W
θ
L-M
M
0.008
N
T
RR1
M
N
L-M
0.010
N
T
L-M
0.012
N
H
T
132X
L-M
M
0.008
N
T
H
K1
X
SECTION AA-AA
DIM
MIN
MAX
INCHES
A
1.100 BSC
A1
0.550 BSC
B
1.100 BSC
B1
0.550 BSC
C
0.160
0.180
C1
0.020
0.040
C2
0.135
0.145
D
0.008
0.012
D1
0.012
0.016
D2
0.008
0.011
E
0.006
0.008
E1
0.005
0.007
F
0.014
0.014
G
0.025 BSC
J
0.950 BSC
J1
0.475 BSC
K
0.034
0.044
K1
0.010 BSC
P
0.950 BSC
P1
0.475 BSC
S
1.080 BSC
S1
0.540 BSC
U
0.025 REF
V
1.080 BSC
V1
0.540 BSC
W
0.006
0.008
θ
0
°
8
°
R1
0.013 REF
METAL
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1982.
2. DIMENSIONS IN INCHES.
3. DIMENSIONS A, B, J, AND P DO NOT
INCLUDE MOLD PROTRUSION.
ALLOWABLEMOLDPROTRUSIONFOR
DIMENSIONS A AND B IS 0.007, FOR
DIMENSIONS J AND P IS 0.010.
4. DATUM PLANE H IS LOCATED AT THE
UNDERSIDEOFLEADSWHERELEADS
EXIT PACKAGE BODY.
5. DATUMS L, M, AND N TO BE
DETERMINEDWHERECENTERLEADS
EXIT PACKAGE BODY AT DATUM H.
6. DIMENSIONS S AND V TO BE
DETERMINED AT SEATING PLANE,
DATUM T.
7. DIMENSIONS A, B, J, AND P TO BE
DETERMINED AT DATUM PLANE H.
8. DIMENSION F DOES NOT INCLUDE
DAMBAR PROTRUSIONS. DAMBAR
PROTRUSION SHALL NOT CAUSETHE
LEAD WIDTH TO EXCEED 0.019.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com