Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 6Page - NXP Semiconductors APR2/D Datasheet HTML 7Page - NXP Semiconductors APR2/D Datasheet HTML 8Page - NXP Semiconductors APR2/D Datasheet HTML 9Page - NXP Semiconductors APR2/D Datasheet HTML 10Page - NXP Semiconductors APR2/D Datasheet HTML 11Page - NXP Semiconductors APR2/D Datasheet HTML 12Page - NXP Semiconductors APR2/D Datasheet HTML 13Page - NXP Semiconductors APR2/D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
1-4
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Clock
CLOCK
ADDRESS BUS
DATA BUS
Table 1-4
Clock Signals
Signal
Name
Signal
Type
State
during
Reset
Signal Description
EXTAL
Input
Input
External Clock/Crystal Input
—This input should be connected to an
external crystal or to an external oscillator.
XTAL
Output
Chip-
driven
Crystal Output
—This output connects the internal crystal oscillator
output to an external crystal. If an external oscillator is used, XTAL
should be left unconnected.
Table 1-5
Address Bus Signals
Signal
Names
Signal
Type
State
during
Reset
Signal Description
A0–A15
Output
Tri-
stated
Address Bus
—These signals specify the address for external
program and data memory accesses. If there is no external bus
activity, A0–A15 remain at their previous values to reduce power
consumption. A0–A15 are tri-stated when the bus grant signal is
asserted.
Table 1-6
Data Bus Signals
Signal
Names
Signal
Type
State
during
Reset
Signal Description
D0–D23
Input/
Output
Tri-
stated
Data Bus
—These signals provide the bidirectional data bus for
external program and data memory accesses. D0–D23 are tri-stated
when the BG or RESET signal is asserted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com