Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 60 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 56Page - NXP Semiconductors APR2/D Datasheet HTML 57Page - NXP Semiconductors APR2/D Datasheet HTML 58Page - NXP Semiconductors APR2/D Datasheet HTML 59Page - NXP Semiconductors APR2/D Datasheet HTML 60Page - NXP Semiconductors APR2/D Datasheet HTML 61Page - NXP Semiconductors APR2/D Datasheet HTML 62Page - NXP Semiconductors APR2/D Datasheet HTML 63Page - NXP Semiconductors APR2/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
3-8
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
The DSP56001A signals that may be programmed as General Purpose I/O are listed with their
primary function in Table 3-1.
Table 3-1
DSP56001A General Purpose I/O Pin Identification
Pin Number
132 pin
“FC” PQFP
“FE” CQFP
Pin Number
88 pin
“RC” PGA
Primary
Function
Port
GPIO ID
25
D12
H0
B
PB0
22
C13
H1
PB1
20
C12
H2
PB2
19
B13
H3
PB3
16
B12
H4
PB4
15
A13
H5
PB5
14
A12
H6
PB6
11
B11
H7
PB7
5
B8
HA0
PB8
2
A8
HA1
PB9
1
A7
HA2
PB10
9
A11
HR/W
PB11
8
A10
HEN
PB12
10
B10
HREQ
PB13
6
A9
HACK
PB14
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com