Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 4Page - NXP Semiconductors APR2/D Datasheet HTML 5Page - NXP Semiconductors APR2/D Datasheet HTML 6Page - NXP Semiconductors APR2/D Datasheet HTML 7Page - NXP Semiconductors APR2/D Datasheet HTML 8Page - NXP Semiconductors APR2/D Datasheet HTML 9Page - NXP Semiconductors APR2/D Datasheet HTML 10Page - NXP Semiconductors APR2/D Datasheet HTML 11Page - NXP Semiconductors APR2/D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
1-2
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Introduction
Figure 1-1 Signals Identified by Functional Group
DSP56001A
24
16
External
Address Bus
External
Data Bus
External
Bus
Control
Synchronous
Serial Interface
(SSI) Port2
Clock
Power Inputs:
Clock Output
Internal Logic
Address Bus
Data Bus
Bus Control
HI
SSI/SCI
A0–A15
D0–D23
PS
DS
X/Y
BR/WT
BG/BS
RD
WR
EXTAL
XTAL
VCCCK
VCCQ
VCCA
VCCD
VCCC
VCCH
VCCS
4
Serial
Communications
Interface (SCI)
Port2
3
2
3
Grounds:
Clock
Internal Logic
Address Bus
Data Bus
Bus Control
HI
SSI/SCI
GNDCK
GNDQ
GNDA
GNDD
GNDC
GNDH
GNDS
4
5
4
6
2
Interrupt/
Mode
Control
Reset
Interrupt
mode
mode
MODA
IRQA
MODB
IRQB
RESET
Host
Interface
(HI) Port1
Host
Port B
Interface
GPIO
H0–H7
PB0–PB7
HA0–HA2
PB8–PB10
HR/W
PB11
HEN
PB12
HREQ
PB13
HACK
PB14
SCI Port
Port C
GPIO
RXD
PC0
TXD
PC1
RCLK
PC2
SSI Port
Port C
GPIO
SC0–SC2
PC3–PC5
SCK
PC6
SRD
PC7
STD
PC8
8
3
3
Note:
1.
The Host Interface port signals are multiplexed with the Port B GPIO signals (PB0–PB15).
2.
The SCI and SSI signals are multiplexed with the Port C GPIO signals (PC0–PC8).
3.
Power and ground lines are indicated for the 144-pin TQFP package.
AA0885
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com