Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 89 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 85Page - NXP Semiconductors APR2/D Datasheet HTML 86Page - NXP Semiconductors APR2/D Datasheet HTML 87Page - NXP Semiconductors APR2/D Datasheet HTML 88Page - NXP Semiconductors APR2/D Datasheet HTML 89Page - NXP Semiconductors APR2/D Datasheet HTML 90Page - NXP Semiconductors APR2/D Datasheet HTML 91Page - NXP Semiconductors APR2/D Datasheet HTML 92Page - NXP Semiconductors APR2/D Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
DSP56001A
Application Examples
MOTOROLA
DSP56001A/D, Rev. 1
4-15
Figure 4-6
shows the DSP56001A connected to the bus of an IBM-PC computer. This circuit is
complete and does not require external ROM or RAM to load and execute code from the PC. The
PAL equations and other details of this circuit are available in the application report entitled
“DSP56001 Interface Techniques and Examples” (APR11/D).
Figure 4-6 DSP56001A-to-ISA Bus Interface Schematic
HA0
HA1
HA2
HEN
HR/W
MODA/IRQA
MODB/IRQB
RESET
BR
HREQ
B11
D01
D02
D03
D04
D05
D06
A02
A01
A00
D07
A10
A11
B5
A4
A5
21
23
L13
B10
13
D00
A09
A08
A07
A06
A05
A04
A03
A02
A31
A30
A29
1
5
14
2
6
16
22
8
4
17
7
3
9
OSC
A04
A05
A06
A07
A08
A09
A14
A17
A22
A23
A24
A25
A26
A27
B30
H7
H6
H5
H4
H3
H2
H1
H0
10
11
AEN
IOR
IOW
B13
B14
A11
15
DSP56001A
A12
B12
A13
B13
C12
C13
D12
9
8
6
7
5
4
3
2
B8
A8
A7
11
12
14
13
15
16
17
18
19
1
OE DIR
IRQB
IRQA
Interrupt
Sources
+5V
HACK
A9
D23
B4
Note:
1.
Connector is J1 of ISA Bus.
2.
All series resistors are 15 K
Ω.
External
AA0909
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com