Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR2/D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 23Page - NXP Semiconductors APR2/D Datasheet HTML 24Page - NXP Semiconductors APR2/D Datasheet HTML 25Page - NXP Semiconductors APR2/D Datasheet HTML 26Page - NXP Semiconductors APR2/D Datasheet HTML 27Page - NXP Semiconductors APR2/D Datasheet HTML 28Page - NXP Semiconductors APR2/D Datasheet HTML 29Page - NXP Semiconductors APR2/D Datasheet HTML 30Page - NXP Semiconductors APR2/D Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
DSP56001A
RESET, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56001A/D, Rev. 1
2-9
22 Delay from General-Purpose
Output Valid to Interrupt
Request Deassertion for Level-
Sensitive Fast Interrupts (See
Note 3)—If Second Interrupt
Instruction is:
•
Single Cycle
•
Two Cycles
—
—
TL – 46
2
× T
C +
TL – 46
—
—
TL – 37
2
× T
C +
TL – 37
ns
ns
23 Synchronous Interrupt Setup
Time from IRQA, IRQB
Assertion to the second CKOUT
transition
19
TC - 816TC - 6
ns
24 Synchronous Interrupt Delay
Time from the second CKOUT
transition to the First External
Address Output Valid caused
by the First Instruction Fetch
after coming out of Wait State
13
× T
C +
TH + 6
13
× T
C +
TH + 23
13
× T
C +
TH + 5
13
× T
C +
TH + 19
ns
25 Duration for IRQA Assertion to
Recover from Stop State
19—16—
ns
26 Delay from IRQA Assertion to
Fetch of First Interrupt
Instruction (when exiting ‘Stop’)
(See Note 1)
•
Internal Crystal
Oscillator Clock, OMR
Bit 6 = 0
•
Stable External Clock,
OMR Bit 6 = 1
65548
× T
C
20
× T
C
—
—
65548
× T
C
20
× T
C
—
—
ns
ns
27 Duration of Level-Sensitive
IRQA Assertion to ensure
interrupt service (when exiting
‘Stop’) (See Note 1)
•
Internal Crystal
Oscillator Clock, OMR
Bit 6 = 0
•
Stable External Clock,
OMR Bit 6 = 1
65534
× T
C +
TL
6
× T
C
+ TL
—
—
65534
× T
C +
TL
6
× T
C
+ TL
—
—
ns
ns
Table 2-8
Reset, Stop, Mode Select, and Interrupt Timing (27/33 MHz) (Continued)
Num
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com