Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 33 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 29Page - Analog Devices AD9389/PCB Datasheet HTML 30Page - Analog Devices AD9389/PCB Datasheet HTML 31Page - Analog Devices AD9389/PCB Datasheet HTML 32Page - Analog Devices AD9389/PCB Datasheet HTML 33Page - Analog Devices AD9389/PCB Datasheet HTML 34Page - Analog Devices AD9389/PCB Datasheet HTML 35Page - Analog Devices AD9389/PCB Datasheet HTML 36Page - Analog Devices AD9389/PCB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD9389
Rev. 0 | Page 33 of 48
2-WIRE SERIAL CONTROL REGISTER DETAIL CHIP IDENTIFICATION
0x00—Bits[7:0] Chip Revision
An 8-bit register that represents the silicon revision.
0x01—Bits[3:0] N[19:16]
These are the most significant four bits of a 20-bit word used
along with the 20-bit CTS term in the receiver to regenerate the
audio clock.
0x02—Bits[7:0] N[15-8]
0x03—Bits[7:0] [(7-0]
0x04—Bits[3:0] CTS_Int[19:16]
These are the most significant four bits of a 20-bit word used
along with the 20-bit N term in the receiver to regenerate the
audio clock. This is the measured or internal CTS. The internal
or external CTS can be selected via 0x0A Bit 7.
0x05—Bits[7:0] CTS_Int[15:8]
0x06—Bits[7:0] CTS_In[7:0]
0x07—Bits[3:0] CT_Ext[19:16])
These are the most significant four bits of a 20-bit word used
along with the 20-bit N term in the receiver to regenerate the
audio clock. This is the external CTS. The internal or external
CTS can be selected via 0x0A Bit 7.
0x08—Bits[7:0] CTS_Ext[15:8]
0x09—Bits[7:0] CTS_Ext[7:0]
0x0A—Bits[7] CTS_Sel
When internal CTS is selected, the CTS is calculated by the
AD9389.
0 = internal CTS
1 = external CTS
0x0A—Bits[6:5] Avg_Mode
00 = no filter
01 = divide by 4
10 = divide by 8
11 = divide by 16
Default = 10
0x0A—Bit[4] Audio_Sel
0 = I2S
1 = S/PDIF
Default = 0
0x0A—Bit[3] MCLK_SP
If MCLK is available for S/PDIF, it is used for bit recovery;
otherwise, internal circuitry is used.
1 = MCLK active
0 = MCLK inactive
Default = 0
0x0A—Bit[2] MCLK_I2S
1 = I2S MCLK active
0 = I2S MCLK inactive
Default = 0
If MCLK is available for I2S, it is used for bit recovery;
otherwise, internal circuitry is used.
0x0A—Bits[1:0] MCLK_Ratio
00 = ×128 fS
01 = ×256 fS
10 = ×384 fS
11 = ×512 fS
Default = 01
0x0B—Bit[6] MCLK_ Pol
0 = rising edge
1 = falling edge
Default = 0
0x0B—Bit[5] Flat_Line
1 = flat line audio (audio sample not valid)
0 = normal
Default = 0
0x0C—Bits[5:2] I2S enable
0001 = I2S0
0010 = I2S1
0100 = I2S2
1000 = I2S3
Default = 1111 for all
0x0C—Bits[1:0] I2S Format
00 = standard I2S mode
01 = right-justified I2S mode
10 = left-justified I2S mode
11 = raw IEC60958 mode
Default = 00
0x0D—Bits[4:0] I2S bit width
For right-justified audio only. Default is 11000 (24). Not valid
for widths greater than 24.
0x0E—Bits[5:3] SUBPKT0_L_src
Source of audio subpacket 0 (left channel) data. Default
is 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com