Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 43 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 39Page - Analog Devices AD9389/PCB Datasheet HTML 40Page - Analog Devices AD9389/PCB Datasheet HTML 41Page - Analog Devices AD9389/PCB Datasheet HTML 42Page - Analog Devices AD9389/PCB Datasheet HTML 43Page - Analog Devices AD9389/PCB Datasheet HTML 44Page - Analog Devices AD9389/PCB Datasheet HTML 45Page - Analog Devices AD9389/PCB Datasheet HTML 46Page - Analog Devices AD9389/PCB Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD9389
Rev. 0 | Page 43 of 48
COLOR SPACE CONVERTER (CSC) COMMON SETTINGS
Table 30. HDTV YCbCr (0 to 255) to RGB (0 to 255) (Default Setting for AD9389)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x0C
0x52
0x08
0x00
0x00
0x00
0x19
0xD7
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x1C
0x54
0x08
0x00
0x3E
0x89
0x02
0x91
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x00
0x00
0x08
0x00
0x0E
0x87
0x18
0xBD
Table 31. HDTV YCbCr (16 to 235) to RGB (0 to 255)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x47
0x2C
0x04
0xA8
0x00
0x00
0x1C
0x1F
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x1D
0xDD
0x04
0xA8
0x1F
0x26
0x01
0x34
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x00
0x00
0x04
0xA8
0x08
0x 75
0x1B
0x7B
Table 32. SDTV YCbCr (0 to 255) to RGB (0 to 255)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x2A
0xF8
0x08
0x00
0x00
0x00
0x1A
0x84
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x1A
0x6A
0x08
0x00
0x1D
0x50
0x04
0x23
Register
Blue/Cb Coeff. 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x00
0x00
0x08
0x00
0x0D
0xDB
0x19
0x12
Table 33. SDTV YCbCr (16 to 235) to RGB (0 to 255)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x46
0x63
0x04
0xA8
0x00
0x00
0x1C
0x84
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x1C
0xC0
0x04
0xA8
0x1E
0x6F
0x02
0x1E
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x00
0x00
0x04
0xA8
0x08
0x11
0x1B
0xAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com