Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 36 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 32Page - Analog Devices AD9389/PCB Datasheet HTML 33Page - Analog Devices AD9389/PCB Datasheet HTML 34Page - Analog Devices AD9389/PCB Datasheet HTML 35Page - Analog Devices AD9389/PCB Datasheet HTML 36Page - Analog Devices AD9389/PCB Datasheet HTML 37Page - Analog Devices AD9389/PCB Datasheet HTML 38Page - Analog Devices AD9389/PCB Datasheet HTML 39Page - Analog Devices AD9389/PCB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD9389
Rev. 0 | Page 36 of 48
0x50—Bits[7:5] audio_IF_cc
000 = refer to stream header
001 = 2 channels
010 = 3 channels
…
111 = 8 channels
0x50—Bits[4] audi_IF_DM_INH
0x50—Bits[3:0] Level Shift
LSV[3:0] – Level Shift Values with attenuation information.
0000 = 0 dB attenuation
0001 = 1 dB attenuation
…
1111 = 15 dB attenuation
Default = 0x0
0x51—Bits[7:0] Speaker Mapping
These bits define the suggested placement of speakers.
Table 25.
CA
Channel Number
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0
0
0
0
0
-
-
FR
FL
0
0
0
0
1
-
LFE
FR
FL
0
0
0
1
0
FC
-
FR
FL
0
0
0
1
1
FC
LFE
FR
FL
0
0
1
0
0
RC
-
-
FR
FL
0
0
1
0
1
RC
-
LFE
FR
FL
0
0
1
1
0
RC
FC
-
FR
FL
0
0
1
1
1
RC
FC
LFE
FR
FL
0
1
0
0
0
RR
RL
-
-
FR
FL
0
1
0
0
1
RR
RL
-
LFE
FR
FL
0
1
0
1
0
RR
RL
FC
-
FR
FL
0
1
0
1
1
-
-
RR
RL
FC
LFE
FR
FL
0
1
1
0
0
-
RC
RR
RL
-
-
FR
FL
0
1
1
0
1
-
RC
RR
RL
-
LFE
FR
FL
0
1
1
1
0
-
RC
RR
RL
FC
-
FR
FL
0
1
1
1
1
-
RC
RR
RL
FC
LFE
FR
FL
1
0
0
0
0
RRC
RLC
RR
RL
-
-
FR
FL
1
0
0
0
1
RRC
RLC
RR
RL
-
LFE
FR
FL
1
0
0
1
0
RRC
RLC
RR
RL
FC
-
FR
FL
1
0
0
1
1
RRC
RLC
RR
RL
FC
LFE
FR
FL
1
0
1
0
0
FRC
FLC
-
-
-
-
FR
FL
1
0
1
0
1
FRC
FLC
-
-
-
LFE
FR
FL
1
0
1
1
0
FRC
FLC
-
-
FC
-
FR
FL
1
0
1
1
1
FRC
FLC
-
-
FC
LFE
FR
FL
1
1
0
0
0
FRC
FLC
-
RC
-
-
FR
FL
1
1
0
0
1
FRC
FLC
-
RC
-
LFE
FR
FL
1
1
0
1
0
FRC
FLC
-
RC
FC
-
FR
FL
1
1
0
1
1
FRC
FLC
-
RC
FC
LFE
FR
FL
1
1
1
0
0
FRC
FLC
RR
RL
-
-
FR
FL
1
1
1
0
1
FRC
FLC
RR
RL
-
LFE
FR
FL
1
1
1
1
0
FRC
FLC
RR
RL
FC
-
FR
FL
1
1
1
1
1
FRC
FLC
RR
RL
FC
LFE
FR
FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com