Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 40 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 36Page - Analog Devices AD9389/PCB Datasheet HTML 37Page - Analog Devices AD9389/PCB Datasheet HTML 38Page - Analog Devices AD9389/PCB Datasheet HTML 39Page - Analog Devices AD9389/PCB Datasheet HTML 40Page - Analog Devices AD9389/PCB Datasheet HTML 41Page - Analog Devices AD9389/PCB Datasheet HTML 42Page - Analog Devices AD9389/PCB Datasheet HTML 43Page - Analog Devices AD9389/PCB Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD9389
Rev. 0 | Page 40 of 48
2-WIRE SERIAL CONTROL PORT
A 2-wire serial interface is provided. Up to two AD9389 devices
can be connected to the 2-wire serial interface, with each device
having a unique address.
The 2-wire serial interface comprises a clock (SCL) and a
bidirectional data (SDA) pin. The analog flat panel interface
acts as a slave for receiving and transmitting data over the serial
interface. When the serial interface is not active, the logic levels
on SCL and SDA are pulled high by external pull-up resistors.
Data received or transmitted on the SDA line must be stable for
the duration of the positive going SCL pulse. Data on SDA must
change only when SCL is low. If SDA changes state while SCL is
high, the serial interface interprets that action as a start or stop
sequence.
There are five components to serial bus operation:
•
Start signal
•
Slave address byte
•
Base register address byte
•
Data byte to read or write
•
Stop signal
When the serial interface is inactive (SCL and SDA are high),
communications are initiated by sending a start signal. The start
signal is a high-to-low transition on SDA while SCL is high.
This signal alerts all slave devices that a data transfer sequence
is coming.
The first 8 bits of data transferred after a start signal comprise a
7-bit slave address (the first 7 bits) and a single R/W bit (the
eighth bit). The R/W bit indicates the direction of data transfer,
read from (1) or write to (0) the slave device. If the transmitted
slave address matches the address of the device, the AD9389
acknowledges by bringing SDA low on the ninth SCL pulse. If
the addresses do not match, the AD9389 does not acknowledge.
Table 29. Serial Port Addresses
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
A6 (MSB)
A5
A4
A3
A2
A1
A0
0
1
1
1
0
0
0
0
1
1
1
0
0
1
DATA TRANSFER VIA SERIAL INTERFACE
For each byte of data read from or written to, the MSB is the
first bit of the sequence.
If the AD9389 does not acknowledge the master device during
a write sequence, the SDA remains high so the master can
generate a stop signal. If the master device does not acknowl-
edge the AD9389 during a read sequence, the AD9389 inter-
prets this as the end of data. The SDA remains high so the
master can generate a stop signal.
Writing data to specific control registers of the AD9389 re-
quires that the 8-bit address of the control register of interest
be written to after the slave address has been established. This
control register address is the base address for subsequent write
operations. The base address auto-increments by one for each
byte of data written after the data byte intended for the base
address.
Data is read from the control registers of the AD9389 in a
similar manner. Reading requires two data transfer operations:
•
The base address must be written with the R/W bit of the
slave address byte low to set up a sequential read operation.
•
Reading (the R/W bit of the slave address byte high) begins
at the previously established base address. The address of
the read register auto-increments after each byte is
transferred.
To terminate a read/write sequence to the AD9389, a stop signal
must be sent. A stop signal comprises a low-to-high transition
of SDA while SCL is high.
A repeated start signal occurs when the master device driving the
serial interface generates a start signal without first generating a
stop signal to terminate the current communication. This is used to
change the mode of communication (read/write) between the slave
and master without releasing the serial interface lines.
SDA
SCL
tBUFF
tSTAH
tDHO
tDSU
tDAL
tDAH
tSTASU
tSTOSU
Figure 11. Serial Port Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com